Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED790-66-60 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # LED790-66-60
Description  epoxy lens type Infrared illuminator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED790-66-60 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  LED790-66-60 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED790-66-60 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bankverbindung: Bank~Austria Creditanstalt AG - Bankleitzahl: 12000 - EURO Kontonummer: 608 547 402 – USD Kontonummer: 570 347 781
EUR Konto IBAN: AT1212 00000 608 547 402 - SWIFT: BKAUATWW
USD Konto IBAN: AT3112 00000 570 347 781 - SWIFT: BKAUATWW
UID: ATU61938489 - FN: 266954 f - Handelsgericht Wien
● Electro-Optical Characteristics
Item
Symbol
Condition
Minimum
Typical
Maximum
Unit
Total Radiated Power
PO
IF=600mA
1000
MW
Total Radiated Power
PO
IFP=3A
4000
mW
Radiant Intensity
IE
IF=600mA
450
MW/sr
Forward Voltage
VF
IF=600mA
9.0
V
Reverse Current
VR
IR=10µA
50
V
Peak Wavelength
λP
IF=600mA
790
nm
Half Width
∆λ
IF=600mA
40
nm
Viewing Half Angle
θ 1/2
IF=600mA
±60
deg.
Rise Time
tr
IF=600mA
100
ns
Fall Time
tf
IF=600mA
100
ns
► Heat sink is required to protect LED at 60°C or less



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com