Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XSL-375-5E-R4 Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # XSL-375-5E-R4
Description  UV LED 5 mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

XSL-375-5E-R4 Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  XSL-375-5E-R4 Datasheet HTML 1Page - Roithner LaserTechnik GmbH XSL-375-5E-R4 Datasheet HTML 2Page - Roithner LaserTechnik GmbH XSL-375-5E-R4 Datasheet HTML 3Page - Roithner LaserTechnik GmbH XSL-375-5E-R4 Datasheet HTML 4Page - Roithner LaserTechnik GmbH XSL-375-5E-R4 Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
06.07.2010
XSL-375-5E-R4
3 of 5
directivity:
Device Materials
Item
Material
Encapsulation Silicone Resin
Lead frame
Fe + Ag coating
XSL-375-5E is RoHS compliant
Precaution for Use
1. Cautions
• This device is a UV LED, which radiates intense UV light during operation.
• DO NOT look directly into the UV light or look through the optical system. To prevent
inadequate exposure of UV radiation, wearing UV protective glasses is recommended
2. Lead Forming
• When forming leads, the leads should be bent at a point at least 3 mm from the base of the
lead. DO NOT use the base of the leadframe as a fulcrum during lead forming.
• Lead forming should be done before soldering.
• DO NOT apply any bending stress to the base of the lead. The stress to the base may
damage the LED’s characteristics or it may break the LEDs.
• When mounted the LEDs onto the printed circuit board, the holes on the circuit board should
be exactly aligned with the leads of LEDs. If the LEDs are mounted with stress at the leads, it
causes deterioration of the lead and it will degrade the LEDs.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com