Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XSL-375-5E-R4 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # XSL-375-5E-R4
Description  UV LED 5 mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

XSL-375-5E-R4 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  XSL-375-5E-R4 Datasheet HTML 1Page - Roithner LaserTechnik GmbH XSL-375-5E-R4 Datasheet HTML 2Page - Roithner LaserTechnik GmbH XSL-375-5E-R4 Datasheet HTML 3Page - Roithner LaserTechnik GmbH XSL-375-5E-R4 Datasheet HTML 4Page - Roithner LaserTechnik GmbH XSL-375-5E-R4 Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
06.07.2010
XSL-375-5E-R4
1 of 5
XSL-375-5E-R4
TECHNICAL DATA
UV LED 5 mm
Drawing
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Value
Unit
DC Forward Current
IF
25
mA
Peak Pulse Forward Current *
1
IFP
100
mA
Power Dissipation
PD
100
mW
Operating Temperature
TOP
-30 … +80
°C
Storage Temperature
TSTG
-30 … +85
°C
Soldering Temperature *
2
TSOL
260
°C
*
1 pulse width ≤ 0.1 ms, duty ratio ≤ 1/10
*
2 for 10 sec.
Specifications (If=20mA, Ta=25°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Electrical Specification
Forward Voltage *
1
UF
3.2
3.6
4.2
V
Optical Specification
Optical Power
PO
8.4
-
14.0
mW
Peak Wavelength *
2
λP
375
-
380
nm
Spectral Half Width (FWHM)
Δλ
10
-
20
nm
Viewing Angle
φ
15
deg.
* Note:
1. measurement tolerance is ± 0.2 V
2. measurement tolerance is ± 2 nm


Similar Part No. - XSL-375-5E-R4

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
XSL-375-5E ROITHNER-XSL-375-5E Datasheet
463Kb / 5P
UV LED 5 mm
More results

Similar Description - XSL-375-5E-R4

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT370-10E ROITHNER-RLT370-10E Datasheet
329Kb / 7P
UV LED 5 mm
UVLED365-110E ROITHNER-UVLED365-110E Datasheet
354Kb / 6P
UV LED 5 mm
UVLED370-10E ROITHNER-UVLED370-10E Datasheet
284Kb / 6P
UV LED 5 mm
XRL-400-5E ROITHNER-XRL-400-5E Datasheet
270Kb / 5P
UV LED 5 mm
XRL-400-5O ROITHNER-XRL-400-5O Datasheet
252Kb / 5P
UV LED 5 mm
XSL-355-5E ROITHNER-XSL-355-5E Datasheet
472Kb / 5P
UV LED 5 mm
XSL-365-5E ROITHNER-XSL-365-5E Datasheet
463Kb / 5P
UV LED 5 mm
XSL-370-5E ROITHNER-XSL-370-5E Datasheet
461Kb / 5P
UV LED 5 mm
XSL-375-5E ROITHNER-XSL-375-5E Datasheet
463Kb / 5P
UV LED 5 mm
XSL-355-5E-R6 ROITHNER-XSL-355-5E-R6 Datasheet
518Kb / 5P
UV LED 5 mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com