Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX511-2 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # PX511-2
Description  Photodiode Chip die
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

PX511-2 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  PX511-2 Datasheet HTML 1Page - Roithner LaserTechnik GmbH PX511-2 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
27.07.2011
PX511-2
1 of 1
PX511-2
TECHNICAL DATA
Photodiode Chip die
PX511-2 is a PIN PD of planar and front illuniated structure with P electrode on top and N
electrode on bottom.
Features
• InGaAs structure
• Spectral width: 1.0 – 1.65 µm
• Active Area: Ø 300µm
Absolute Maximum Ratings
Item
Symbol
Value
Unit
Optical Current
IPD
10
mA
Forward Current
IF
10
mA
Reverse Current
IR
10
mA
ESD threshold
>300
V
Operating Temperature
Topr
-40 … +85
°C
Storage Temperature
Tstg
-50 … +125
°C
Specifications (TC=22°C)
Item
Value
Unit
Wavelength Range
1.00 .. 1.68
µm
Active Area
300
µm
Responsivity (VR=5V, λ=1.31µm, φE=100µw)
>0.9
A/W
Capacitance (VR=5V, φE=0, f=1MHz)
5-6
pF
Dark Current (VR=5V, φE=0)
0.3 – 1.0
nA
Forward Voltage (IF=1mA)
0.6 – 0.8
V
Reverse Breakdown Voltage (ID=10µA, φE=0)
35 - 40
V
Rising time (VR=5V ,RL=50Ω)
≤ 4
ns


Similar Part No. - PX511-2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PX50-AD4S HIROSE-PX50-AD4S Datasheet
387Kb / 8P
Power Supply Connectors For Industrial Equipment
PX50-AD4S HIROSE-PX50-AD4S Datasheet
432Kb / 8P
Power Supply Connectors For Industrial Equipment
PX50-AD4S HIROSE-PX50-AD4S Datasheet
387Kb / 8P
Power Supply Connectors For Industrial Equipment
PX50-AF6S HIROSE-PX50-AF6S Datasheet
387Kb / 8P
Power Supply Connectors For Industrial Equipment
PX50-AF6S HIROSE-PX50-AF6S Datasheet
432Kb / 8P
Power Supply Connectors For Industrial Equipment
More results

Similar Description - PX511-2

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
EPC-440-3.6 EPIGAP-EPC-440-3.6 Datasheet
28Kb / 2P
Photodiode-Chip
EPC-470-0.5 EPIGAP-EPC-470-0.5 Datasheet
112Kb / 2P
Photodiode-Chip
EPC-880-0.9-1 EPIGAP-EPC-880-0.9-1 Datasheet
113Kb / 2P
Photodiode-Chip
logo
Roithner LaserTechnik G...
LAPD-1-06-17-CHIP ROITHNER-LAPD-1-06-17-CHIP Datasheet
419Kb / 2P
Photodiode Chip die
LAPD-1-09-17-CHIP ROITHNER-LAPD-1-09-17-CHIP Datasheet
379Kb / 2P
Photodiode Chip die
LAPD-2-06-17-CHIP ROITHNER-LAPD-2-06-17-CHIP Datasheet
431Kb / 2P
Photodiode Chip die
LAPD-2-09-17-CHIP ROITHNER-LAPD-2-09-17-CHIP Datasheet
375Kb / 2P
Photodiode Chip die
LAPD-3-09-17-CHIP ROITHNER-LAPD-3-09-17-CHIP Datasheet
375Kb / 2P
Photodiode Chip die
PX611-2 ROITHNER-PX611-2 Datasheet
135Kb / 2P
Photodiode Chip die
logo
Emcore Corporation
G1013-406 EMCORE-G1013-406 Datasheet
370Kb / 2P
2.5G Avalanche Photodiode (APD) Bare Die
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com