Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX511-2 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # PX511-2
Description  Photodiode Chip die
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

PX511-2 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  PX511-2 Datasheet HTML 1Page - Roithner LaserTechnik GmbH PX511-2 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
27.07.2011
PX511-2
2 of 2
Dimensions
Item
Value
Die Size
500 x 500 µm
Die Thickness
175 +/- 5 µm
Bond Pad Diameter
75 µm
Photosensitive Area
300 µm
Extended Electrode Length
16 µm
P-side material
Au
N-side material
Au
Packaging: Chips on gel-pack



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com