Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS8N80 Datasheet(PDF) 4 Page - SemiHow Co.,Ltd.

Part # HFS8N80
Description  Superior Avalanche Rugged Technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS8N80 Datasheet(HTML) 4 Page - SemiHow Co.,Ltd.

  HFS8N80 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS8N80 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS8N80 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS8N80 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS8N80 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS8N80 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS8N80 Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Typical Characteristics (continued)
1.0
1.1
1.2
1.0
1.5
2.0
2.5
3.0
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
-100
-50
0
50
100
150
200
0.8
0.9
Notes :
1. V
GS = 0 V
2. I
D = 250
A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
* Notes :
1. V
GS
= 10 V
2. I
D
= 4.0 A
T
J
, Junction Temperature [
oC]
4
6
8
10
0
10
1
10
2
10 s
DC
10 ms
1 ms
100 s
Operation in This Area
is Limited by R
DS(on)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
CT
t
25
50
75
100
125
150
0
2
T
C
, Case Temperature [
oC]
10
0
10
1
10
2
10
3
10
-2
10
-1
Notes :
1. T
C = 25
oC
2. T
J = 150
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
vs Case Temperature
10
0
N o te s :
1 . Z
JC
(t ) = 2 . 2 5
/ W M a x .
2 . D u ty F a c t o r , D = t
1 /t 2
3 . T
JM - T C =
P
DM * Z
JC
(t)
D= 0 .5
0.2
00 5
0.1
Fi
11 T
i
t Th
l R
C
t
2
t
1
P
DM
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
JM
C
DM
JC
s ing le puls e
0.02
0 .05
0.01
t
1 , S q u a r e
W a v e P u ls e D u r a tio n [s e c ]
Figure 11. TransientThermalResponse Curve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com