Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS8N80 Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HFS8N80
Description  Superior Avalanche Rugged Technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS8N80 Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HFS8N80 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS8N80 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS8N80 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS8N80 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS8N80 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS8N80 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS8N80 Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Characteristics
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom : 5.5 V
10
0
10
1
150
oC
25
oC
-55
oC
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
10
-1
10
0
10
1
10
-2
10
-1
Notes :
1. 250 s Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
24
6
8
10
10
-1
Notes :
1. V
DS = 50V
2. 250 s Pulse Test
V
GS, Gate-Source Voltage [V]
2.5
3.0
3.5
4.0
V
GS = 20V
V
GS = 10V
10
0
10
1
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
0
3
6
9
121518
1.0
1.5
2.0
Note : T
J = 25
I
D, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
150
Notes :
1. V
GS = 0V
2. 250 s Pulse Test
25
V
SD, Source-Drain voltage [V]
Drain Current and Gate Voltage
Variation with Source Current
and Temperature
1500
2000
2500
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
C
iss
6
8
10
12
V
DS
= 400V
V
DS
= 160V
V
DS
= 640V
10
-1
10
0
10
1
0
500
1000
Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
V
DS, Drain-Source Voltage [V]
0
5
10
15
20
25
30
35
40
0
2
4
6
* Note : I
D
= 8.0A
Q
G
, Total Gate Charge [nC]
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com