Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF30100CT Datasheet(PDF) 1 Page - Wisdom technologies Int`l

Part # MBRF30100CT
Description  30A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WISDOM [Wisdom technologies Int`l]
Direct Link  http://www.wisdom-technologies.com/index.aspx
Logo WISDOM - Wisdom technologies Int`l

MBRF30100CT Datasheet(HTML) 1 Page - Wisdom technologies Int`l

  MBRF30100CT Datasheet HTML 1Page - Wisdom technologies Int`l MBRF30100CT Datasheet HTML 2Page - Wisdom technologies Int`l MBRF30100CT Datasheet HTML 3Page - Wisdom technologies Int`l  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
   Rev.A0,August , 2010 | 
 
 
 
MB
Features
 
 
TO‐220F  
 
1. Anode 2.Cathode 3. Anode
RF3 01 00CT
Low forward voltage drop
High frequency properties and switching speed
Guard ring for over-voltage protection
30A SCHOTTKY BARRIER RECTIFIER
Absolute Maximum Ratings T
C=25°
°°°C unless otherwise noted
Thermal Characteristics
Electrical Characteristics (per diode)
* Pulse Test: Pulse Width=300
µs, Duty Cycle=2%
Symbol
Parameter
Value
Units
VRRM
Maximum Repetitive Reverse Voltage
100
V
VR
Maximum DC Reverse Voltage
100
V
IF(AV)
Maximum Average Rectified Current
@ TC = 120°C30
A
IFSM
Maximum Forward Surge Current (per diode)
60Hz Single Half-Sine Wave
150
A
TJ, TSTG
Operating Junction and Storage Temperature
-40 to +175
°C
Symbol
Parameter
Value
Units
RθJC
Maximum Thermal Resistance, Junction to Case (per diode)
2.0
°C/W
Symbol
Parameter
Value
Units
VFM *
Maximum Instantaneous Forward Voltage
IF = 15A
TC = 25 °C
0.9
V
IRM *
Maximum Instantaneous Reverse Current
@ rated VR
TC = 25 °C
TC = 125 °C
0.2
5
mA
 
1
3
2
www.wisdom-technologies.com


Similar Part No. - MBRF30100CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF30100CT TSC-MBRF30100CT Datasheet
250Kb / 2P
Isolated 30.0 AMPS. Schottky Barrier Rectifiers
logo
KEC(Korea Electronics)
MBRF30100CT KEC-MBRF30100CT Datasheet
439Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF30100CT KEC-MBRF30100CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
logo
Taiwan Semiconductor Co...
MBRF30100CT TSC-MBRF30100CT Datasheet
180Kb / 2P
30.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF30100CT LUGUANG-MBRF30100CT Datasheet
265Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - MBRF30100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2535CT DIODES-MBR2535CT Datasheet
65Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS31036 Rev. D-2
MBR3030PT DIODES-MBR3030PT Datasheet
64Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. E-2
S9004P2CT DIODES-S9004P2CT Datasheet
62Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS23027 Rev. P-5
MBR3060CTP DIODES-MBR3060CTP Datasheet
87Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
DS31961 Rev. 2 - 2
MBR3030PT DIODES-MBR3030PT_15 Datasheet
68Kb / 3P
30A SCHOTTKY BARRIER RECTIFIER
Rev erse
MBRF3045CT DIODES-MBRF3045CT_15 Datasheet
491Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
Rev 4
MBRF30100CT DIODES-MBRF30100CT_15 Datasheet
215Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
Rev 5
MBR3060CTP DIODES-MBR3060CTP_15 Datasheet
85Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
Rev 3
SBL3060CTP DIODES-SBL3060CTP_15 Datasheet
78Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
Rev 6
logo
Wisdom technologies Int...
MBRF30150CT WISDOM-MBRF30150CT Datasheet
1Mb / 3P
30A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com