Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF30100CT Datasheet(PDF) 2 Page - Wisdom technologies Int`l

Part # MBRF30100CT
Description  30A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WISDOM [Wisdom technologies Int`l]
Direct Link  http://www.wisdom-technologies.com/index.aspx
Logo WISDOM - Wisdom technologies Int`l

MBRF30100CT Datasheet(HTML) 2 Page - Wisdom technologies Int`l

  MBRF30100CT Datasheet HTML 1Page - Wisdom technologies Int`l MBRF30100CT Datasheet HTML 2Page - Wisdom technologies Int`l MBRF30100CT Datasheet HTML 3Page - Wisdom technologies Int`l  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
 
   Rev.A0,August , 2010 | 
 
Typical Characteristics
30A SCHOTTKY BARRIER RECTIFIER
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
Amps
.5
1
10
100
200
0
0.5
1.0
1.5
2.0
2.5
25
°C
Figure 2
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperes versus
Percent Of Rated Peak Reverse Voltage - Volts
0.0001
mAmps
0.001
0.01
0.1
1.0
10
0
20
40
60
80
100
25
°C
50
°C
125
°C
Forward Current Derating Curve
25
75
100
125
150
175
10
0
50
40
30
0
20
Resistive Or
Inductive Load
Figure 3
Average Forward Rectified Current - Amperes versus
Ambient Temperature - °C
Amps
1
100
4
0
50
100
150
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
300
200
www.wisdom-technologies.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com