Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-142PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM-142PIN
Description  Low Noise Amplifier, 12 dB Gain, 200 - 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-142PIN Datasheet(HTML) 2 Page - Tyco Electronics

  AM-142PIN Datasheet HTML 1Page - Tyco Electronics AM-142PIN Datasheet HTML 2Page - Tyco Electronics AM-142PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Low Noise Amplifier, 12 dB Gain, 200 - 1000 MHz
AM-/AMC-142
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
2
Electrical Specifications
2 T
A = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
@ +25°C
600 MHz
dB
11.4
12.0
12.6
Frequency Response
—
200 - 1000 MHz
dB
—
—
+0.5,-0.8
Gain Variation with
Temperature
—
200 - 1000 MHz
dB
—
—
+0.8,-0.6
1 dB Compression
Output Power
200 - 1000 MHz
dBm
+2
—
—
Noise Figure
—
200 - 1000 MHz
dB
—
—
3.8
Reverse Transmission
—
200 - 1000 MHz
dB
—
-15
-13
VSWR
—
200 - 1000 MHz
Ratio
—
—
3.5:1
Output IP2
Two-tone inputs up to –10 dBm
200 - 1000 MHz
dBm
+25
—
—
Output IP3
Two-tone inputs up to –10 dBm
200 - 1000 MHz
dBm
+15
—
—
Vbias
—
—
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
—
mA
—
13
15
Power Dissipation
@ +15.0V Bias
—
mW
—
200
—
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
S11
S21
S12
S22
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200
0.24
41.0
3.95
175.9
0.18
160.6
0.25
34.6
300
0.12
16.0
3.93
156.0
0.18
147.0
0.28
7.4
700
0.12
109.4
4.07
99.1
0.17
98.2
0.34
-73.6
1000
0.31
47.9
4.15
50.4
0.15
63.9
0.38
-129.9
Frequency (MHz)
400
0.08
-6.4
3.97
140.8
0.17
134.9
0.31
-15.4
500
0.07
142.1
3.98
126.6
0.17
112.7
0.33
-35.9
600
0.06
127.8
4.04
112.9
0.17
110.4
0.33
-54.7
800
0.18
90.1
4.12
84.5
0.16
86.5
0.36
-92.0
900
0.24
69.4
4.20
68.9
0.15
74.7
0.37
-110.7
S-Parameter Data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com