Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-142PIN Datasheet (PDF) - Tyco Electronics

AM-142PIN Datasheet PDF - Tyco Electronics
Part # AM-142PIN
Download  AM-142PIN Download
File Size   221.38 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Noise Amplifier, 12 dB Gain, 200 - 1000 MHz

AM-142PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
AM-142PIN Datasheet PDF - Tyco Electronics

Part # AM-142PIN
Download  AM-142PIN Click to download

File Size   221.38 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Noise Amplifier, 12 dB Gain, 200 - 1000 MHz

AM-142PIN Datasheet (HTML) - Tyco Electronics




Similar Part No. - AM-142PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-140PIN MACOM-AM-140PIN Datasheet
255Kb / 3P
High Performance Amplifier, 29 dB Gain, 10 - 200 MHz
AM-143 MACOM-AM-143 Datasheet
230Kb / 3P
Low Noise Amplifier, 16dB Gain, 5 - 500 MHz
logo
M/A-COM Technology Solu...
AM-143 MA-COM-AM-143 Datasheet
85Kb / 3P
Low Noise Amplifier, 16 dB Gain, 5 - 500 MHz
AM-143 MA-COM-AM-143 Datasheet
539Kb / 4P
Low Noise Amplifier, 16 dB Gain, 5 - 500 MHz
AM-143-AMC-143 MA-COM-AM-143-AMC-143 Datasheet
85Kb / 3P
Low Noise Amplifier, 16 dB Gain
More results


Similar Description - AM-142PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-177 MACOM-AM-177 Datasheet
193Kb / 2P
Cascadable Thin Film Amplifier, 12 dB Gain, 10 - 1000 MHz
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
AM-177 MACOM-AM-177_1 Datasheet
121Kb / 2P
Cascadable Thin Film Amplifier 12 dB Gain, 10 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
NXP Semiconductors
BGY67 NXP-BGY67_01 Datasheet
55Kb / 8P
200 MHz, 22 dB gain reverse amplifier
2001 Oct 18
BGY67A112 NXP-BGY67A112 Datasheet
100Kb / 8P
200 MHz, 24 dB gain reverse amplifier
Rev. 5-19 September 2011
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
Low Noise Amplifier, 12 dB Gain
logo
Quanzhou Jinmei Electro...
BGY67A_2015 JMNIC-BGY67A_2015 Datasheet
55Kb / 8P
200 MHz, 24 dB gain reverse amplifier
BGY67 JMNIC-BGY67_15 Datasheet
55Kb / 8P
200 MHz, 22 dB gain reverse amplifier
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153_15 Datasheet
411Kb / 3P
Low Noise Amplifier, 12 dB Gain
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com