Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-145PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM-145PIN
Description  High Performance Amplifier, 11dB Gain 10 - 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-145PIN Datasheet(HTML) 2 Page - Tyco Electronics

  AM-145PIN Datasheet HTML 1Page - Tyco Electronics AM-145PIN Datasheet HTML 2Page - Tyco Electronics AM-145PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Performance Amplifier, 11 dB Gain, 10 - 1000 MHz
AM-/AMC-145
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
2
Electrical Specifications
2,3 T
A = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
@ +25°C
300 MHz
dB
10.1
10.7
11.3
Frequency Response
—
10-1000 MHz
dB
—
—
±1.0
Gain Variation with
Temperature
—
10-1000 MHz
dB
—
—
+1.0,-0.8
1 dB Compression
Output Power
10-1000 MHz
100-1000 MHz
dBm
dBm
+14
+17
—
—
—
—
Noise Figure
—
10-1000 MHz
10-500 MHz
dB
dB
—
—
—
—
5.5
4.0
Reverse Transmission
—
10-1000 MHz
dB
—
-13.5
-11.0
VSWR
—
10-1000 MHz
10-500 MHz
Ratio
Ratio
—
—
—
—
3:1
2:1
Output IP2
Two-tone inputs up to +5 dBm
10-1000 MHz
dBm
+38
—
—
Output IP3
Two-tone inputs up to +5 dBm
10-1000 MHz
dBm
+26
—
—
Vbias
—
—
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
—
mA
—
50
60
Power Dissipation
@15.0 V Bias
—
mW
—
750
—
S-Parameter Data
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
3. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 0.8W must
be provided in use.
S11
S21
S12
S22
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.03
59.0
3.53
-160.8
0.21
-168.6
0.05
60.4
20
0.02
107.8
3.42
-171.3
0.22
-175.4
0.04
94.5
400
0.10
-18.6
3.50
131.8
0.22
134.3
0.11
-1.5
1000
0.21
162.9
3.51
55.5
0.23
69.3
0.18
-89.9
Frequency (MHz)
50
0.03
81.9
3.43
179.0
0.22
177.3
0.04
83.4
100
0.04
55.5
3.47
171.3
0.22
170.1
0.05
61.5
200
0.07
30.2
3.48
157.2
0.22
157.5
0.08
36.2
600
0.14
-64.1
3.54
106.9
0.23
111.8
0.14
-32.1
800
0.17
-115.9
3.49
82.1
0.23
90.6
0.16
-62.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com