Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-145PIN Datasheet (PDF) - Tyco Electronics

AM-145PIN Datasheet PDF - Tyco Electronics
Part # AM-145PIN
Download  AM-145PIN Download
File Size   65.07 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Performance Amplifier, 11dB Gain 10 - 1000 MHz

AM-145PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
AM-145PIN Datasheet PDF - Tyco Electronics

Part # AM-145PIN
Download  AM-145PIN Click to download

File Size   65.07 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Performance Amplifier, 11dB Gain 10 - 1000 MHz

AM-145PIN Datasheet (HTML) - Tyco Electronics




Similar Part No. - AM-145PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-145PIN MACOM-AM-145PIN Datasheet
261Kb / 3P
High Performance Amplifier, 11dB Gain 10 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-145PIN MA-COM-AM-145PIN Datasheet
89Kb / 3P
High Performance Amplifier, 11 dB Gain, 10 - 1000 MHz
More results


Similar Description - AM-145PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-AMC-132 MACOM-AM-AMC-132 Datasheet
86Kb / 3P
High Performance Amplifier, 10 dB Gain, 5 - 200 MHz
AM-AMC-136 MACOM-AM-AMC-136 Datasheet
255Kb / 3P
High Performance Amplifier, 20 dB Gain, 10 - 200 MHz
AM-AMC-140 MACOM-AM-AMC-140 Datasheet
255Kb / 3P
High Performance Amplifier, 29 dB Gain, 10 - 200 MHz
AM-AMC-146 MACOM-AM-AMC-146 Datasheet
242Kb / 3P
High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
AM-123 MACOM-AM-123 Datasheet
270Kb / 3P
High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-145 MACOM-AM-145 Datasheet
261Kb / 3P
High Performance Amplifier, 11dB Gain 10 - 1000 MHz
AM-146 MACOM-AM-146 Datasheet
267Kb / 3P
High Performance Amplifier, 21dB Gain 10 - 500 MHz
logo
M/A-COM Technology Solu...
AM-123 MA-COM-AM-123 Datasheet
79Kb / 3P
High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-145 MA-COM-AM-145 Datasheet
89Kb / 3P
High Performance Amplifier, 11 dB Gain, 10 - 1000 MHz
AM-146 MA-COM-AM-146 Datasheet
78Kb / 3P
High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com