Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-108 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT-108
Description  Voltage Variable Absorptive Attenuator 40 dB, 0.5-3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-108 Datasheet(HTML) 2 Page - Tyco Electronics

  AT-108 Datasheet HTML 1Page - Tyco Electronics AT-108 Datasheet HTML 2Page - Tyco Electronics AT-108 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-2.8
-2.6
-2.4
-2.2
-2
-1.8
-1.6
Frequency (GHz)
-25
-20
-15
-10
-5
0
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
Control Voltage (Volts)
Output RL
Input RL
-35
-30
-25
-20
-15
-10
-5
0
54.5
43.532.5
21.5
1
0.5
0
Control Voltage (Volts)
Output RL
Input RL
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
Control Voltage (Volts)
1800MHz
2200MHz
900MHz
Typical Performance Curves
Parameter
Absolute Maximum
Maximum Input Power
+21 dBm
Supply Voltage VCC
-1V, +8V
Control Voltage VC
-1V, VCC + 0.5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
1
1.
Operation of this device above any one of these parameters
may cause permanent damage.
Attenuation vs. Control Voltage @ +25°C
Insertion Loss vs. Frequency
Functional Schematic
8
76
5
1
3
2
4
GN D
R F
G N D
V c
GN D
GN D
RF
Vc c
PIN
Orientation Mark
1.
VCC = +5 VDC @ 50 µA max.
2.
VC = 0 VDC to +5 VDC @ 50 µA max.
3.
External DC blocking capacitors are required on all RF ports.
4.
39pF used for data measurements.
Return Loss vs. Control Voltage @ +25°C
F = 900 MHz
Return Loss vs. Control Voltage @ +25°C
F = 1800 MHz
Voltage Variable Absorptive Attenuator, 40 dB, 0.5-3.0 GHz
AT-108
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 4.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com