Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-108 Datasheet(PDF) 3 Page - Tyco Electronics

Part # AT-108
Description  Voltage Variable Absorptive Attenuator 40 dB, 0.5-3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-108 Datasheet(HTML) 3 Page - Tyco Electronics

  AT-108 Datasheet HTML 1Page - Tyco Electronics AT-108 Datasheet HTML 2Page - Tyco Electronics AT-108 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0
5
10
15
20
25
30
35
0
1
2
3
4
5
Control Voltage (Volts)
-5
0
5
10
15
20
25
0
1
2
3
4
5
Control Voltage (Volts)
-2
-1
0
1
2
3
0
1
2
3
4
5
Control Voltage (Volts)
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
Control Voltage(Volts)
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
54.5
43.5
3
2.5
21.5
10.5
0
Control Voltage(Volts)
-50
-45
-40
-35
-30
-25
-20
Frequency (dB)
Typical Performance Curves (Cont’d)
Maximum Attenuation vs. Frequency
Attenuation vs. Control Voltage Typical
Device Deviations F = 2200 MHz @ +25°C
Attenuation vs. Control Voltage Typical
Device Deviation F = 1800 MHz @ +25°C
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
Control Voltage(Volts)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
54.5
43.5
32.5
21.5
10.5
0
Control Voltage (Volts)
Output Return Loss
Input Return Loss
Return Loss vs. Control Voltage @ +25°C
F = 2200 MHz
Attenuation vs. Control Voltage Typical
Device Deviation f = 900 MHz @ +25°C
Voltage Variable Absorptive Attenuator, 40 dB, 0.5-3.0 GHz
AT-108
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 4.0
Attenuation vs. Temperature,
Normalized to +25°C, F=900 MHz
-40°C
-85°C
1 dB Compression vs. Control Voltage
@ +25°C, F = 900 MHz
IP3 vs. Control Voltage
400 MHz
900 MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com