Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSL-PI Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PSL-PI
Description  Plug Lockout Device
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PSL-PI Datasheet(HTML) 1 Page - PANDUIT CORP.

  PSL-PI Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Plug Lockout Device
• Individual plugs in a wide range of sizes can be locked out to
prevent energization
• Accommodates padlocks with shackle lengths of 1.50 inches
(38.10mm) or greater and plugs with a hole in a blade
• Constructed of rugged polycarbonate providing strength, durability,
added security and corrosion resistance
Cord Lockout Devices
• Individual corded plugs in a wide range of sizes can be locked out
to prevent energization
• Constructed of rugged polypropylene providing strength, durability,
and added security
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
PSL-CL110
Lockout for 120 VAC corded plugs, 2.00" x 2.00" x 3.50"
inside dimensions.
110
PSL-CL480
Lockout for 240 – 480 VAC corded plugs, 3.25" x 3.25" x 6.50"
inside dimensions.
110
Receptacle Blockout Device
• Accommodates standard 120 V electrical receptacles
• Blockout receptacles to prevent equipment damage from
overloading circuits or electrical interference
• Constructed of high density polyethylene providing strength,
durability, and added security
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
PSL-ERB
Blockout for 120 V electrical receptacle.
1
25
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
PSL-P
Plug lockout.
1
10
PSL-PI
Global plug lockout for 220 - 240 Volt AC/Industrial Plugs.
1
10


Similar Part No. - PSL-PI

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PSL-PCB PANDUIT-PSL-PCB Datasheet
1Mb / 11P
Just shutting down or disconnecting equipment is not enough…Lockout/ Tagout keeps employees safe by making it inoperable. Comply with OSHA Regulations and LOCK IT OUT!
PSL-PCB-V PANDUIT-PSL-PCB-V Datasheet
1Mb / 11P
Just shutting down or disconnecting equipment is not enough…Lockout/ Tagout keeps employees safe by making it inoperable. Comply with OSHA Regulations and LOCK IT OUT!
PSL-PCBNT PANDUIT-PSL-PCBNT Datasheet
1Mb / 11P
Just shutting down or disconnecting equipment is not enough…Lockout/ Tagout keeps employees safe by making it inoperable. Comply with OSHA Regulations and LOCK IT OUT!
PSL-PCBNT-V PANDUIT-PSL-PCBNT-V Datasheet
1Mb / 11P
Just shutting down or disconnecting equipment is not enough…Lockout/ Tagout keeps employees safe by making it inoperable. Comply with OSHA Regulations and LOCK IT OUT!
PSL-PERM-USBA PANDUIT-PSL-PERM-USBA Datasheet
145Kb / 2P
IndustrialNet™ USB Coupler
6/2012
More results

Similar Description - PSL-PI

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PSL-PK-EA PANDUIT-PSL-PK-EA Datasheet
107Kb / 2P
Electrician Lockout Kit
logo
Texas Instruments
PT5540 TI1-PT5540_14 Datasheet
199Kb / 9P
Under-Voltage Lockout
logo
STMicroelectronics
STGIPS10C60T-H STMICROELECTRONICS-STGIPS10C60T-H Datasheet
635Kb / 19P
Undervoltage lockout
08-Apr-2015
STGIPS14K60T-H STMICROELECTRONICS-STGIPS14K60T-H Datasheet
678Kb / 19P
Undervoltage lockout
15-Apr-2015
STGIPS20C60-H STMICROELECTRONICS-STGIPS20C60-H Datasheet
791Kb / 20P
Undervoltage lockout
10-Apr-2015
STIPN2M50-H STMICROELECTRONICS-STIPN2M50-H Datasheet
990Kb / 21P
Undervoltage lockout
01-Feb-2017
STIPN2M50T-HL STMICROELECTRONICS-STIPN2M50T-HL Datasheet
1,003Kb / 23P
Undervoltage lockout
01-Feb-2017
logo
Bel Fuse Inc.
0RQB-50Y15X BEL-0RQB-50Y15X Datasheet
1Mb / 25P
Input Under-Voltage Lockout
0RQB-70N54 BEL-0RQB-70N54 Datasheet
468Kb / 13P
Input Under-Voltage Lockout
logo
Norgren Ltd
T64 NORGREN-T64 Datasheet
297Kb / 2P
T64 - Olympian Plus plug-in system Shut-off & lockout valves
02/16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com