Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTB1A80AS Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HTB1A80AS
Description  1A TRIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTB1A80AS Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HTB1A80AS Datasheet HTML 1Page - SemiHow Co.,Ltd. HTB1A80AS Datasheet HTML 2Page - SemiHow Co.,Ltd. HTB1A80AS Datasheet HTML 3Page - SemiHow Co.,Ltd. HTB1A80AS Datasheet HTML 4Page - SemiHow Co.,Ltd. HTB1A80AS Datasheet HTML 5Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HTB1A80AS
1A TRIAC
VDRM = 1000 V
IT(RMS) = 1 A
ITSM = 11 A
IGT = 5mA
Symbol
Absolute Maximum Ratings
(TJ=25 unless otherwise specified )
Symbol
Parameter
Conditions
Ratings
Unit
VDRM
Repetitive Peak Off-State Voltage
Sine wave, 50/60Hz,
Gate open
1000
V
VRRM
Repetitive Peak Reverse Voltage
1000
V
VDSM
Non-Repetitive Surge Peak Off-State Voltage
1100
V
VRSM
Non-Repetitive Peak Reverse Voltage
1100
V
IT(RMS) R.M.S. On-State Current
Full sine wave, TC = 57oC1
A
ITSM
Non-Repetitive Surge Peak On-State Current
Full sine wave, 50Hz/60Hz
10/11
A
I2t
Fusing Current
t = 10ms
1.12
A2S
PGM
Forward Peak Gate Power
Dissipation
TJ = 125 C
1W
PG(AV)
Forward Average Gate Power
Dissipation
TJ = 125 C
1W
IGM
Peak Gate Current
tp=20us, TJ = 125 C
1A
TJ
Operating Junction Temperature
-40~+125
oC
TSTG
Storage Temperature
-40~+150
oC
FEATURES
Repetitive Peak Off-State Voltage : 1000V
R.M.S On–State Current (IT(RMS) = 1A)
Gate Trigger Current : 5mA
dV/dt 400V/us
General Description
Intended for use in AC static switching and industrial control
systems, driving low power highly inductive load like solenoid,
pump, fan ad micro-motor.
T1
T2
G
TO-92


Similar Part No. - HTB1A80AS

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTB1A80 SEMIHOW-HTB1A80 Datasheet
423Kb / 6P
4 Quadrants Sensitive TRIAC
More results

Similar Description - HTB1A80AS

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA221A SANKEN-STA221A Datasheet
32Kb / 1P
1A 4 circuits Triac Array
logo
NEC
AC01DGM NEC-AC01DGM Datasheet
1Mb / 6P
1A MOLD TRIAC
logo
Renesas Technology Corp
BCR1BM-16A RENESAS-BCR1BM-16A Datasheet
62Kb / 4P
800V - 1A - Triac Low Power Use
logo
SemiHow Co.,Ltd.
HTT1A80AS SEMIHOW-HTT1A80AS Datasheet
242Kb / 4P
3 Quadrants 1A TRIAC
logo
Renesas Technology Corp
BCR1AM-12A RENESAS-BCR1AM-12A_15 Datasheet
91Kb / 7P
600V-1A-Triac Low Power Use
BCR1BM-16A RENESAS-BCR1BM-16A_15 Datasheet
62Kb / 4P
800V - 1A - Triac Low Power Use
logo
Unisonic Technologies
UZ0103 UTC-UZ0103_15 Datasheet
156Kb / 4P
1A TRIAC
logo
DONGGUAN YOU FENG WEI E...
BT131 YFWDIODE-BT131 Datasheet
686Kb / 4P
1A four-quadrant triac
BT134W YFWDIODE-BT134W Datasheet
1Mb / 4P
1A four-quadrant triac
logo
Renesas Technology Corp
AC01DGM RENESAS-AC01DGM Datasheet
1Mb / 8P
1A MOLD TRIAC
1988
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com