Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-310 Datasheet(PDF) 1 Page - Tyco Electronics

Part # DS-310
Description  Flatpack Four-Way Power Divider 0.2 - 300 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS-310 Datasheet(HTML) 1 Page - Tyco Electronics

  DS-310 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel. +85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
6-29
Flatpack Four-Way Power Divider
0.2 - 300 MHz
DS-310
V2.00
FP-5
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)
WEIGHT (APPROX.): 0.21 OUNCES 6 GRAMS
Features
0.5 dB Typical Insertion Loss
1.1:1 Typical Midband VSWR
q
q
Typical Performance
Guaranteed Specifications *
Operating Characteristics
Ordering Information
MIL-STD-883 screening available.
*All specifications apply with 50 ohm source and load impedance.


Similar Part No. - DS-310

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS-310 MA-COM-DS-310 Datasheet
64Kb / 2P
Flatpack Four-Way Power Divider, 0.2 - 300 MHz
DS-310 MA-COM-DS-310 Datasheet
64Kb / 2P
Flatpack Four-Way Power Divider
DS-310PIN MA-COM-DS-310PIN Datasheet
64Kb / 2P
Flatpack Four-Way Power Divider, 0.2 - 300 MHz
More results

Similar Description - DS-310

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-324 MACOM-DS-324 Datasheet
90Kb / 1P
Flatpack Four-Way Power Divider 25 - 1000 MHz
DS-327 MACOM-DS-327 Datasheet
88Kb / 1P
Flatpack Two-Way Power Divider 5 - 1000 MHz
logo
M/A-COM Technology Solu...
DS-310 MA-COM-DS-310 Datasheet
64Kb / 2P
Flatpack Four-Way Power Divider, 0.2 - 300 MHz
DS-323 MA-COM-DS-323 Datasheet
62Kb / 2P
Flatpack Three-Way Power Divider, 25 - 1000 MHz
DS-324 MA-COM-DS-324 Datasheet
63Kb / 2P
Flatpack Four-Way Power Divider, 25 - 1000 MHz
DS-327 MA-COM-DS-327 Datasheet
49Kb / 2P
Flatpack Two-Way Power Divider, 5 - 1000 MHz
DS-310 MA-COM-DS-310 Datasheet
64Kb / 2P
Flatpack Four-Way Power Divider
DS-323 MA-COM-DS-323 Datasheet
62Kb / 2P
Flatpack Three-Way Power Divider
DS-324 MA-COM-DS-324 Datasheet
155Kb / 2P
Flatpack Four-Way Power Divider
DS-327 MA-COM-DS-327 Datasheet
49Kb / 2P
Flatpack Two-Way Power Divider
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com