Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS52-0004-RTR Datasheet(PDF) 1 Page - Tyco Electronics

Part # DS52-0004-RTR
Description  Low Cost Two-Way SMT Power Diveder 1510-1660MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS52-0004-RTR Datasheet(HTML) 1 Page - Tyco Electronics

  DS52-0004-RTR Datasheet HTML 1Page - Tyco Electronics DS52-0004-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S 1561B VER 3
M/A-COM Division of AMP Incorporated
n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
Low Cost Two-Way SMT Power Divider 1510-1660 MHz
DS52-0004
Features
• Small Size and Low Profile
• Industry Standard SOIC-8 SMT Plastic Package
• Excellent Amplitude and Phase Balance
• Superior Repeatability
• Typical Insertion Loss 0.4 dB
• Typical Isolation 20 dB
• 1 Watt Power Handling
• Frequency Coverage for GPS and LEO Programs
Description
M/A-COM’s DS52-0004 is an IC-based monolithic power divider in
a low cost SOIC-8 plastic package. This 2-way power divider is
ideally suited for applications where small size, low insertion loss,
superior
phase/amplitude tracking and low cost are required.
Typical applications include base station switching networks and
other communication applications where size and PCB real estate are
a premium. Available in tape and reel.
The DS52-0004 is fabricated using a passive-integrated circuit
process.
The process features full-chip passivation for increased
performance and reliability.
Typical Electrical Specifications
1, T
A = +25°C
Parameter
Units
Min
Typ
Max
Insertion Loss
Above 3.0dB
dB
—
0.4
0.6
Isolation
dB
15
20
—
VSWR
Input RL
—
—
1.3:1
1.5:1
VSWR
Output RL
—
—
1.4:1
1.6:1
Amplitude Balance
dB
—
0.1
0.2
Phase Balance
°
—
1.0
3.0
1. All specifications apply with a 50-Ohm source and load impedance.
Low Cost Two-Way SMT Power Divider 1510-
1660 MHz
DS52-0004
Ordering Information
Part Number
Package
DS52-0004
SOIC-8 Lead Plastic Package
DS52-0004-TR
Forward Tape and Reel
1
DS52-0004-RTR
Reverse Tape and Reel
1
1. If specific reel size is required, consult factory for part number
assignment.
SOIC-8


Similar Part No. - DS52-0004-RTR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS52-0004-TR MA-COM-DS52-0004-TR Datasheet
131Kb / 4P
Low Cost Two-Way SMT Power Divider 1510-1660 MHz
More results

Similar Description - DS52-0004-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPDCC0001 MACOM-MAPDCC0001 Datasheet
227Kb / 4P
Low Cost Two-Way SMT Power Divider
MAPDCC0003 MACOM-MAPDCC0003 Datasheet
219Kb / 4P
Low Cost Two-Way SMT Power Divider 1510-1600 MHz
logo
M/A-COM Technology Solu...
DS52-0004 MA-COM-DS52-0004 Datasheet
131Kb / 4P
Low Cost Two-Way SMT Power Divider 1510-1660 MHz
MAPDCC0003 MA-COM-MAPDCC0003 Datasheet
130Kb / 4P
Low Cost Two-Way SMT Power Divider 1510-1660 MHz
MAPDCC0001 MA-COM-MAPDCC0001 Datasheet
115Kb / 4P
Low Cost Two-Way SMT Power Divider
MAPDCC0002 MA-COM-MAPDCC0002 Datasheet
129Kb / 4P
Low Cost Two-Way SMT Power
MAPDCC0003 MA-COM-MAPDCC0003 Datasheet
130Kb / 4P
Low Cost Two-Way SMT Power Divider
MAPDCC0004 MA-COM-MAPDCC0004 Datasheet
116Kb / 4P
Low Cost Two-Way SMT Power
MAPDCC0001 MA-COM-MAPDCC0001_15 Datasheet
669Kb / 5P
Low Cost Two-Way SMT Power Divider
MAPDCC0002 MA-COM-MAPDCC0002_15 Datasheet
679Kb / 5P
Low Cost Two-Way SMT Power
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com