Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS52-0004-RTR Datasheet(PDF) 2 Page - Tyco Electronics

Part # DS52-0004-RTR
Description  Low Cost Two-Way SMT Power Diveder 1510-1660MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS52-0004-RTR Datasheet(HTML) 2 Page - Tyco Electronics

  DS52-0004-RTR Datasheet HTML 1Page - Tyco Electronics DS52-0004-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S 1561B VER 3
M/A-COM Division of AMP Incorporated
n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
Low Cost Two-Way SMT Power Divider 1510-1660 MHz
DS52-0004
1. Exceeding these limits may cause permanent damage.
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Input Power²
1 W CW
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Functional Diagram ³
2. With Internal load dissipation of 0.125 W maximum.
Recommended PCB Configuration
(Dimensions in Inches)
Typical Performance @ +25°C
Phase Balance Vs Frequency
-1
-0.8
-0.6
-0.4
-0.2
0
1510
1547.5
1585
1622.5
1660
MHz
Isolation Vs Frequency
-26
-24
-22
-20
-18
-16
-14
1510
1547.5
1585
1622.5
1660
MHz
Insertion loss Vs Frequency
-1
-0.8
-0.6
-0.4
-0.2
0
1510
1547.5
1585
1622.5
1660
MHz
VSWR Vs Frequency
0
0.4
0.8
1.2
1.6
2
1510
1547.5
1585
1622.5
1660
MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com