Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS52-0005-RTR Datasheet(PDF) 2 Page - Tyco Electronics

Part # DS52-0005-RTR
Description  Low Cost Two-Way SMT Power Divider 1700 - 1900 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS52-0005-RTR Datasheet(HTML) 2 Page - Tyco Electronics

  DS52-0005-RTR Datasheet HTML 1Page - Tyco Electronics DS52-0005-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 3.0
Low Cost Two-Way SMT Power Divider, 1700-1900 MHz
DS52-0005
2
1. Exceeding these limits may cause permanent damage.
2. With Internal load dissipation of 0.125 W maximum.
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Input Power²
1 W CW
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Functional Diagram
Typical Performance @ +25°C
-3
-2
-1
0
2200
2275
2350
2425
2500
FREQUENCY (MHz)
-26
-24
-22
-20
-18
-16
-14
2200
2275
2350
2425
2500
FREQUENCY (MHz)
-1.5
-1
-0.5
0
2200
2275
2350
2425
2500
FREQUENCY(MHz)
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2200
2275
2350
2425
2500
FREQUENCY (dB)
Insertions Loss vs. Frequency
Isolation vs. Frequency
VSWR vs. Frequency
Recommended PCB Configuration
(Dimensions in Inches)
Phase Balance vs. Frequency Relative to RF1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com