Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS52-0005-RTR Datasheet(PDF) 1 Page - Tyco Electronics

Part # DS52-0005-RTR
Description  Low Cost Two-Way SMT Power Divider 1700 - 1900 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS52-0005-RTR Datasheet(HTML) 1 Page - Tyco Electronics

  DS52-0005-RTR Datasheet HTML 1Page - Tyco Electronics DS52-0005-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 3.0
DS52-0005
Low Cost Two-Way SMT Power Divider
1700 - 1900 MHz
1
Features
• Small Size and Low Profile
• Industry Standard SOIC-8 SMT Plastic Package
• Superior Repeatability
• Excellent Amplitude Balance: 0.05 dB Typical
• Excellent Insertion Loss: 0.3 dB Typical
• Low Cost
• DCS-1800 Frequency Coverage
Description
M/A-COM’s DS52-0005 is an IC-based monolithic power divider
in a low cost SOIC-8 plastic package. This 2-way power splitter is
ideally suited for applications where small size, low profile and
low cost, without sacrificing performance are required. Typical
applications include base station , portables and PCMCIA cards
for DCS-1800 European applications.
Available in tape and
reel.
The DS52-0005 is fabricated using a passive-integrated circuit
process. The process features full-chip passivation for increased
performance and reliability.
Typical Electrical Specifications
1, T
A = +25°C
Parameter
Units
Min
Typ
Max
Insertion Loss
Above 3.0dB
dB
—
0.3
0.5
Isolation
dB
15
20
—
VSWR
—
—
1.3:1
1.5:1
Amplitude Balance
dB
—
0.1
0.15
Phase Balance
°
—
2
4
Ordering Information
Part Number
Package
DS52-0005
SOIC-8 Lead Plastic Package
DS52-0005-TR
Forward Tape and Reel
1
DS52-0005-RTR
Reverse Tape and Reel
1
1. If specific reel size is required, consult factory for part number
assignment.
SOIC-8
1. All specifications apply with a 50-Ohm source and load impedance.


Similar Part No. - DS52-0005-RTR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS52-0005-TR MA-COM-DS52-0005-TR Datasheet
117Kb / 4P
Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz
More results

Similar Description - DS52-0005-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS56-0006 MACOM-DS56-0006 Datasheet
75Kb / 2P
Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
MAPDCC0004 MACOM-MAPDCC0004 Datasheet
244Kb / 4P
Low Cost Two-Way SMT Power Dvider, 1700-1900 MHz
DS52-0014 MACOM-DS52-0014 Datasheet
600Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 1700-2000MHz
logo
M/A-COM Technology Solu...
DS52-0005 MA-COM-DS52-0005 Datasheet
117Kb / 4P
Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz
DS52-0014 MA-COM-DS52-0014 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
DS56-0006 MA-COM-DS56-0006 Datasheet
95Kb / 4P
Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
MAPDCC0004 MA-COM-MAPDCC0004 Datasheet
116Kb / 4P
Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz
MAPDCC0020 MA-COM-MAPDCC0020 Datasheet
92Kb / 4P
Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
MAPDCC0004 MA-COM-MAPDCC0004_15 Datasheet
706Kb / 5P
Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com