Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS52-0008-RTR Datasheet(PDF) 1 Page - Tyco Electronics

Part # DS52-0008-RTR
Description  Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS52-0008-RTR Datasheet(HTML) 1 Page - Tyco Electronics

  DS52-0008-RTR Datasheet HTML 1Page - Tyco Electronics DS52-0008-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M/A-COM
n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
Specifications subject to change without notice.
V1.01
Features
• Small Size and Low Profile
• Industry Standard SOT-26 SMT Plastic Package
• Typical Isertion Loss: 0.6dB
• Typical Isolation: 15dB
• 1 Watt Power Handling
Description
M/A-COM’s DS52-0008 is an IC-based monolithic power divider
using M/A-COM’s GMIC technology in a low cost SOT-26
plastic package. This 2-way power divider is ideally suited for
applications where small size, low insertion loss, superior phase/
amplitude tracking and low cost are required.
Typical
applications include personal communications systems and other
communication applications where size and PCB real estate are at
a premium. Available in Tape and Reel.
The DS52-0008 is fabricated using a passive-integrated circuit
process. The process features full-chip passivation for increased
performance and reliability.
Typical Electrical Specifications
1, T
A = +25°C
Parameter
Units
Min
Typ
Max
Insertion Loss above 3.0dB
dB
—
0.6
0.8
Isolation
dB
13
15
—
VSWR
RF Input
—
—
1.3 : 1
1.4 : 1
Amplitude Balance
dB
—
0.1
0.25
Phase Balance
Degrees
—
3.0
5.0
1. All specifications apply with a 50-Ohm source and load impedance.
Low Cost Two-Way GMIC SMT Power Divider
824 - 960 MHz
DS52-0008
Ordering Information
Part Number
Package
DS52-0008
SOT-26 Lead Plastic Package
DS52-0008-TR
Forward Tape and Reel
1
DS52-0008-RTR
Reverse Tape and Reel
1
1. If specific reel size is required, consult factory for part number
assignment.
SOT-26


Similar Part No. - DS52-0008-RTR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS52-0008-TR MA-COM-DS52-0008-TR Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
More results

Similar Description - DS52-0008-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS54-0005 MACOM-DS54-0005 Datasheet
45Kb / 2P
Low Cost Four-Way GMIC SMT Power Divider 824 . 960 MHz
DS58-0001 MACOM-DS58-0001 Datasheet
36Kb / 2P
Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0011 MACOM-MAPDCC0011 Datasheet
155Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
DS52-0008 MA-COM-DS52-0008 Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
DS58-0001 MA-COM-DS58-0001 Datasheet
77Kb / 3P
Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0021 MA-COM-MAPDCC0021 Datasheet
78Kb / 3P
Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0009 MA-COM-MAPDCC0009_15 Datasheet
605Kb / 5P
Low Cost Four-Way GMIC SMT Power Divider 824 ??960 MHz
MAPDCC0011 MA-COM-MAPDCC0011_15 Datasheet
646Kb / 5P
Low Cost Two-Way GMIC SMT Power Divider 824 ??960 MHz
MAPDCC0021 MA-COM-MAPDCC0021_15 Datasheet
530Kb / 4P
Low Cost Eight-Way GMIC SMT Power Divider 824 ??960 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com