Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS53-0005-RTR Datasheet(PDF) 1 Page - Tyco Electronics

Part # DS53-0005-RTR
Description  Low Cost Three-Way GMIC SMT Power Divider 1850 . 1990 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS53-0005-RTR Datasheet(HTML) 1 Page - Tyco Electronics

  DS53-0005-RTR Datasheet HTML 1Page - Tyco Electronics DS53-0005-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Cost Three-Way GMIC SMT Power Divider
DS53-0005
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
The preliminary specifications data sheet contains typical electrical specifications which may change prior to final introduction.
V1.00
Features
• Small Size and Low Profile
• Industry Standard SOIC-8 SMT Plastic Package
• Excellent Amplitude and Phase Balance
• Superior Repeatability
• Typical Insertion Loss: 1.0 dB
• Typical Isolation: 18 dB
• 1 Watt Power Handling
Description
M/A-COM’s DS53-0005 is an IC-based monolithic power divider
using M/A-COM’s GMIC technology in a low cost SOIC-8 plastic
package. This 3-way power divider is ideally suited for
applications where small size, low insertion loss, superior phase/
amplitude tracking and low cost are required. Typical applications
include personal communication systems and other commun-
ication applications where size and PCB real estate are at a
premium. Available in tape and reel.
The DS53-0005 is fabricated using a passive-integrated circuit
process. The process features full-chip passivation for increased
performance and reliability.
SOIC-8
1. If specific reel size is required, consult factory for part number
assignment.
Part Number
Package
DS53-0005
DS53-0005-TR
DS53-0005-RTR
SOIC 8-Lead Plastic Package
Forward Tape and Reel
1
Reverse Tape and Reel
1
1. All specifications apply with a 50-ohm source and load impedance.
Typical Electrical Specifications
1, T
A= +25ºC
Parameters
Units
Min.
Typ.
Max.
Insertion Loss Above 4.8 dB
dB
—
1.0
1.4
Isolation
dB
12
18
—
VSWR
Input
—
—
1.8:1
2.0:1
Amplitude Balance
dB
—
0.3
0.6
Phase Balance
°
—
7
14
Ordering Information
Low Cost Three-Way GMIC SMT Power Divider
1850 – 1990 MHz
DS53-0005
Preliminary Specifications


Similar Part No. - DS53-0005-RTR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS53-0005-TR MA-COM-DS53-0005-TR Datasheet
92Kb / 3P
Low Cost Three-Way GMIC SMT Power Divider, 1850 - 1990 MHz
More results

Similar Description - DS53-0005-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS55-0003 MACOM-DS55-0003 Datasheet
27Kb / 2P
Low Cost Five-Way GMIC SMT Power Divider 1850-1990 MHz
logo
M/A-COM Technology Solu...
DS52-0002 MA-COM-DS52-0002 Datasheet
129Kb / 4P
Low Cost Two-Way SMT Power Divider, 1850 - 1990 MHz
DS53-0005 MA-COM-DS53-0005 Datasheet
92Kb / 3P
Low Cost Three-Way GMIC SMT Power Divider, 1850 - 1990 MHz
MAPDCC0002 MA-COM-MAPDCC0002 Datasheet
129Kb / 4P
Low Cost Two-Way SMT Power Divider, 1850 - 1990 MHz
MAPDCC0006 MA-COM-MAPDCC0006 Datasheet
94Kb / 3P
Low Cost Three-Way GMIC SMT Power Divider, 1850 - 1990 MHz
MAPDCC0015 MA-COM-MAPDCC0015 Datasheet
107Kb / 3P
Low Cost Five-Way GMIC SMT Power Divider 1850-1990 MHz
MAPD-007352-000100 MA-COM-MAPD-007352-000100 Datasheet
95Kb / 3P
Low Cost Three-Way GMIC SMT Power Divider, 1761.5 - 2047.6 MHz
MAPDCC0021 MA-COM-MAPDCC0021 Datasheet
78Kb / 3P
Low Cost Eight-Way GMIC SMT Power Divider
MAPDCC0006 MA-COM-MAPDCC0006 Datasheet
94Kb / 3P
Low Cost Three-Way GMIC SMT Power Divider
MAPDCC0006 MA-COM-MAPDCC0006_15 Datasheet
667Kb / 4P
Low Cost Three-Way GMIC SMT Power Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com