Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS55-0003-RTR Datasheet(PDF) 1 Page - Tyco Electronics

Part # DS55-0003-RTR
Description  Low Cost Five-Way GMIC SMT Power Divider 1850-1990 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS55-0003-RTR Datasheet(HTML) 1 Page - Tyco Electronics

  DS55-0003-RTR Datasheet HTML 1Page - Tyco Electronics DS55-0003-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 2.0
Specifications subject to change without notice.
Low Cost Five-Way GMIC SMT Power Divider
1850-1990 MHz
DS55-0003
1
Features
• Small Size, Low Profile
• Superior Repeatability (Lot-to-Lot Variation)
• Industry Standard SOIC-16 SMT Plastic Package
• Typical Isolation: 28 dB
• Typical Insertion Loss: 0.7 dB
• Low Cost
• 1 Watt Power Handling
Description
M/A-COM’s DS55-0003 is an IC-based monolithic power
divider using M/A-COM’s GMIC technology in
a low cost
SOIC-16 plastic package. This 5-way power divider is ideally
suited for applications where PCB real estate is at a premium and
part count reduction and cost are critical. Typical applications
include base station switching networks and other cellular
equipment, including subscriber units.
Available in tape and
reel.
The DS55-0003 is fabricated using a passive-integrated circuit
process. The process features full-chip passivation for increased
performance and reliability.
Typical Electrical Specifications
1, T
A = +25°C
Parameter
Units
Min
Typ
Max
Insertion Loss
Above 6.0dB
dB
0.7
1.2
Isolation
dB
21
28
VSWR
Input
1.5:1
1.6:1
VSWR
Output
1.2:1
1.5:1
Amplitude Balance
dB
0.2
0.5
Phase Balance
°
6
12
1. All specifications apply with a 50-Ohm source and load impedance.
Ordering Information
Part Number
Package
DS55-0003
SOIC-16 Lead Plastic Package
DS55-0003-TR
Forward Tape and Reel
1
DS55-0003-RTR
Reverse Tape and Reel
1
1. If specific reel size is required, consult factory for part number
assignment.
SOIC-16


Similar Part No. - DS55-0003-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS55-0004 MACOM-DS55-0004 Datasheet
28Kb / 2P
Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
logo
M/A-COM Technology Solu...
DS55-0004 MA-COM-DS55-0004 Datasheet
89Kb / 3P
Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
logo
Tyco Electronics
DS55-0004-RTR MACOM-DS55-0004-RTR Datasheet
28Kb / 2P
Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
logo
M/A-COM Technology Solu...
DS55-0004-TB MA-COM-DS55-0004-TB Datasheet
89Kb / 3P
Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
logo
Tyco Electronics
DS55-0004-TR MACOM-DS55-0004-TR Datasheet
28Kb / 2P
Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
More results

Similar Description - DS55-0003-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS53-0005 MACOM-DS53-0005 Datasheet
59Kb / 2P
Low Cost Three-Way GMIC SMT Power Divider 1850 . 1990 MHz
DS55-0004 MACOM-DS55-0004 Datasheet
28Kb / 2P
Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
logo
M/A-COM Technology Solu...
DS52-0002 MA-COM-DS52-0002 Datasheet
129Kb / 4P
Low Cost Two-Way SMT Power Divider, 1850 - 1990 MHz
DS53-0005 MA-COM-DS53-0005 Datasheet
92Kb / 3P
Low Cost Three-Way GMIC SMT Power Divider, 1850 - 1990 MHz
DS55-0004 MA-COM-DS55-0004 Datasheet
89Kb / 3P
Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
MAPDCC0002 MA-COM-MAPDCC0002 Datasheet
129Kb / 4P
Low Cost Two-Way SMT Power Divider, 1850 - 1990 MHz
MAPDCC0006 MA-COM-MAPDCC0006 Datasheet
94Kb / 3P
Low Cost Three-Way GMIC SMT Power Divider, 1850 - 1990 MHz
MAPDCC0015 MA-COM-MAPDCC0015 Datasheet
107Kb / 3P
Low Cost Five-Way GMIC SMT Power Divider 1850-1990 MHz
MAPDCC0015 MA-COM-MAPDCC0015 Datasheet
107Kb / 3P
Low Cost Five-Way GMIC SMT Power Divider
MAPDCC0015 MA-COM-MAPDCC0015_15 Datasheet
499Kb / 4P
Low Cost Five-Way GMIC SMT Power Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com