Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS56-0005-RTR Datasheet(PDF) 2 Page - Tyco Electronics

Part # DS56-0005-RTR
Description  Low Cost Six-Way SMT Power Divider 824 - 960 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS56-0005-RTR Datasheet(HTML) 2 Page - Tyco Electronics

  DS56-0005-RTR Datasheet HTML 1Page - Tyco Electronics DS56-0005-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 3.0
1. Exceeding these limits may cause permanent damage.
2. With internal load dissipation of 0.125 W Maximum.
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Input Power
2
1 W CW
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Functional Diagram
Typical Performance @ +25°C
Amplitude Imbalance
Insertion Loss
-0.60
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
824.00
843.43
862.86
882.29
901.71
921.14
940.57
960.00
Frequency (MHz)
Isolation
-30.0
-28.0
-26.0
-24.0
-22.0
-20.0
-18.0
-16.0
-14.0
-12.0
-10.0
824.00
843.43
862.86
882.29
901.71
921.14
940.57
960.00
Frequency (MHz)
-0.50
-0.48
-0.46
-0.44
-0.42
-0.40
-0.38
-0.36
-0.34
-0.32
-0.30
824.00
843.43
862.86
882.29
901.71
921.14
940.57
960.00
Frequency (MHz)
Phase Imbalance
0.00
0.50
1.00
1.50
2.00
2.50
824.00
843.43
862.86
882.29
901.71
921.14
940.57
960.00
Frequency (MHz)
Input VSWR
Output VSWR
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
824.00
843.43
862.86
882.29
901.71
921.14
940.57
960.00
Frequency (MHz)
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
824.00
843.43
862.86
882.29
901.71
921.14
940.57
960.00
Frequency (MHz)
2
Low Cost Six-Way SMT Power Divider, 824 - 960 MHz
DS56-0005



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com