Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS56-0005-RTR Datasheet(PDF) 1 Page - Tyco Electronics

Part # DS56-0005-RTR
Description  Low Cost Six-Way SMT Power Divider 824 - 960 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS56-0005-RTR Datasheet(HTML) 1 Page - Tyco Electronics

  DS56-0005-RTR Datasheet HTML 1Page - Tyco Electronics DS56-0005-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 3.0
Features
• Small Size, Low Profile
• Superior Repeatability (Lot-to-lot Variation)
• Industry Standard SOIC-16 SMT Plastic Package
• Typical Isolation 25dB
• Typical Insertion Loss 0.8dB
• Low Cost
Description
M/A-COM’s DS56-0005 is an IC-based monolithic power divider
in a low cost SOIC-16 plastic package. This 6-way power divider
is ideally suited for applications where PCB real estate is at a
premium and part count reduction and cost are critical. Typical
applications include base station switching networks and other
cellular equipment, including subscriber units. Available in Tape
and Reel.
The DS56-0005 is fabricated using a passive-integrated circuit
process. The process features full-chip passivation for increased
performance and reliabilty.
Typical Electrical Specifications
1, T
A = +25°C
Parameter
Units
Min
Typ
Max
Insertion Loss above 7.8dB
dB
0.8
1.2
Isolation
dB
20
25
VSWR
Input
Output
1.4 : 1
1.3 : 1
1.8 : 1
1.5 : 1
Amplitude Balance
dB
0.5
0.9
Phase Balance
°
4
8
1. All specifications apply with a 50-Ohm source and load impedance.
Ordering Information
Part Number
Package
DS56-0005
SOIC-16 Lead Plastic Package
DS56-0005-TR
Forward Tape and Reel
1
DS56-0005-RTR
Reverse Tape and Reel
1
1. If specific reel size is required, consult factory for part number
assignment.
SOIC-16
DS56-0005
Low Cost Six-Way SMT Power Divider
824 - 960 MHz
1


Similar Part No. - DS56-0005-RTR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS56-0005-TR MA-COM-DS56-0005-TR Datasheet
85Kb / 4P
Low Cost Six-Way Power Divider 824 - 960 MHz
More results

Similar Description - DS56-0005-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS52-0001 MACOM-DS52-0001 Datasheet
185Kb / 2P
Low Cost Two-Way SMT Power Divider 824-960 MHz
DS56-0001 MACOM-DS56-0001 Datasheet
113Kb / 2P
Low Cost Six-Way SMT Power Divider 824 - 960 MHz
MAPDCC0011 MACOM-MAPDCC0011 Datasheet
155Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
DS52-0001 MA-COM-DS52-0001 Datasheet
116Kb / 4P
Low Cost Two-Way SMT Power Divider 824-960 MHz
DS52-0008 MA-COM-DS52-0008 Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
DS56-0001 MA-COM-DS56-0001 Datasheet
88Kb / 4P
Low Cost Six-Way SMT Power Divider 824 - 960 MHz
DS56-0005 MA-COM-DS56-0005 Datasheet
85Kb / 4P
Low Cost Six-Way Power Divider 824 - 960 MHz
MAPDCC0001 MA-COM-MAPDCC0001 Datasheet
115Kb / 4P
Low Cost Two-Way SMT Power Divider 824-960 MHz
MAPDCC0017 MA-COM-MAPDCC0017 Datasheet
88Kb / 3P
Low Cost Six-Way SMT Power Divider 824 - 960 MHz
MAPDCC0019 MA-COM-MAPDCC0019 Datasheet
81Kb / 4P
Low Cost Six-Way Power Divider 824 - 960 MHz Rev. V2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com