Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS56-0006-RTR Datasheet(PDF) 2 Page - Tyco Electronics

Part # DS56-0006-RTR
Description  Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS56-0006-RTR Datasheet(HTML) 2 Page - Tyco Electronics

  DS56-0006-RTR Datasheet HTML 1Page - Tyco Electronics DS56-0006-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
1. Exceeding these limits may cause permanent damage.
2. With internal load dissipation of 0.125 W Maximum.
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Input Power
2
1 W CW
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Functional Diagram
Typical Performance @ +25°C
Insertion Loss
Amplitude Imbalance
-0.60
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
1700.00
1750.00
1800.00
1850.00
1900.00
1950.00
2000.00
Frequency (MHz)
-0.90
-0.85
-0.80
-0.75
-0.70
-0.65
-0.60
-0.55
-0.50
1700.00
1750.00
1800.00
1850.00
1900.00
1950.00
2000.00
Frequency (MHz)
Isolation
Phase Imbalance
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
1700.00
1750.00
1800.00
1850.00
1900.00
1950.00
2000.00
Frequency (MHz)
-12.00
-10.00
-8.00
-6.00
-4.00
-2.00
0.00
1700.00
1750.00
1800.00
1850.00
1900.00
1950.00
2000.00
Frequency (MHz)
Input VSWR
Output VSWR
0.80
1.00
1.20
1.40
1.60
1.80
2.00
1700.00
1750.00
1800.00
1850.00
1900.00
1950.00
2000.00
Frequency (M Hz)
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
1700.00
1750.00
1800.00
1850.00
1900.00
1950.00
2000.00
Frequency (MHz)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com