Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS56-0006-RTR Datasheet(PDF) 1 Page - Tyco Electronics

Part # DS56-0006-RTR
Description  Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS56-0006-RTR Datasheet(HTML) 1 Page - Tyco Electronics

  DS56-0006-RTR Datasheet HTML 1Page - Tyco Electronics DS56-0006-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
Features
• Small Size, Low Profile
• Superior Repeatability (Lot-to-lot Variation)
• Industry Standard SOIC-16 SMT Plastic Package
• Typical Isolation 25dB
• Typical Insertion Loss 1.0dB
• Low Cost
Description
M/A-COM’s DS56-0006 is an IC-based monolithic power
splitter/combiner in a low cost SOIC-16 plastic package. This 6-
way power divider is ideally suited for applications where PCB
real estate is at a premium and standard packaging for automated
assembly and low cost are critical. Typical applications include
base stations, portables, and peripheral devices (PCMCIA cards)
for wireless standards such as PCS, PCN, DECT, PHS, and DCS-
1800. Available in Tape and Reel.
The DS56-0006 is fabricated using a passive-integrated circuit
process. The process features full-chip passivation for increased
performance and reliability.
Typical Electrical Specifications
1, T
A = +25°C
Parameter
Units
Min
Typ
Max
Insertion Loss above 7.8dB
1700—2000 MHz
1850—1910 MHz
dB
dB
1.3
1.0
1.8
1.5
Isolation
1700—2000 MHz
1850—1910 MHz
dB
dB
18
21
25
26
VSWR
Input
1700—2000 MHz
1850—1910 MHz
Output
1700—2000 MHz
1850—1910 MHz
1.7 : 1
1.3 : 1
1.3 : 1
1.1 : 1
2.0 : 1
1.7 : 1
1.7 : 1
1.3 : 1
Amplitude Balance
1700—2000 MHz
1850—1910 MHz
dB
dB
0.8
1.0
1.3
1.3
Phase Balance
1700—2000 MHz
1850—1910 MHz
°
10
8
20
16
1. All specifications apply with a 50-Ohm source and load impedance.
Low Cost Six-Way SMT Power Divider
1700 - 2000 MHz
DS56-0006
Ordering Information
Part Number
Package
DS56-0006
SOIC-16 Lead Plastic Package
DS56-0006-TR
Forward Tape and Reel
1
DS56-0006-RTR
Reverse Tape and Reel
1
1. If specific reel size is required, consult factory for part number
assignment.
SOIC-16


Similar Part No. - DS56-0006-RTR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS56-0006-TR MA-COM-DS56-0006-TR Datasheet
95Kb / 4P
Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
More results

Similar Description - DS56-0006-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS56-0002 MACOM-DS56-0002 Datasheet
115Kb / 2P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
DS52-0014 MA-COM-DS52-0014 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
DS56-0002 MA-COM-DS56-0002 Datasheet
86Kb / 4P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
DS56-0006 MA-COM-DS56-0006 Datasheet
95Kb / 4P
Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018 Datasheet
85Kb / 4P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0020 MA-COM-MAPDCC0020 Datasheet
92Kb / 4P
Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
MAPDCC0017 MA-COM-MAPDCC0017 Datasheet
88Kb / 3P
Low Cost Six-Way SMT Power Divider
MAPDCC0017 MA-COM-MAPDCC0017_15 Datasheet
498Kb / 4P
Low Cost Six-Way SMT Power Divider
MAPDCC0018 MA-COM-MAPDCC0018_15 Datasheet
538Kb / 5P
Low Cost Six-Way Power Splitter/Combiner 1700 ??2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com