Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS56-0002 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

DS56-0002 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # DS56-0002
Download  DS56-0002 Download
File Size   86.7 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz

DS56-0002 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS56-0002 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # DS56-0002
Download  DS56-0002 Click to download

File Size   86.7 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz

DS56-0002 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


DS56-0002 Product details

Description

M/A-COM’s DS56-0002 is an IC-based monolithic power divider in a low cost SOW-16 lead free plastic package. This 6-way power divider is ideally suited for applications where small size, low profile and low cost, without sacrificing performance, are required. Typical applications include base stations, portables, and PCMCIA cards for wireless standards such as DCS-1800, PCN, PCS, DECT, and PHS. Available in Tape and Reel.

The DS56-0002 is fabricated using a passive integrated circuit process. The process features fullchip passivation for increased performance and reliability.



Features

• Small Size, Low Profile

• Superior Repeatability

• Insertion Loss: 1.1 dB Typical

• Isolation: 22 dB Typical

• Low Cost

• SOW-16 Package



 




Similar Part No. - DS56-0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS56-0002 MACOM-DS56-0002 Datasheet
115Kb / 2P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
DS56-0002-RTR MACOM-DS56-0002-RTR Datasheet
115Kb / 2P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
DS56-0002-TR MACOM-DS56-0002-TR Datasheet
115Kb / 2P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
More results


Similar Description - DS56-0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS54-0002 MACOM-DS54-0002 Datasheet
58Kb / 2P
Low Cost Four-Way SMT Power Splitter/ Combiner 1700-2000 MHz
DS56-0002 MACOM-DS56-0002 Datasheet
115Kb / 2P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
DS56-0006 MACOM-DS56-0006 Datasheet
75Kb / 2P
Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
DS54-0002 MA-COM-DS54-0002 Datasheet
102Kb / 3P
Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz
DS56-0006 MA-COM-DS56-0006 Datasheet
95Kb / 4P
Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
MAPDCC0008 MA-COM-MAPDCC0008 Datasheet
102Kb / 3P
Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018 Datasheet
85Kb / 4P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0020 MA-COM-MAPDCC0020 Datasheet
92Kb / 4P
Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018 Datasheet
85Kb / 4P
Low Cost Six-Way Power Splitter/Combiner
MAPDCC0018 MA-COM-MAPDCC0018_15 Datasheet
538Kb / 5P
Low Cost Six-Way Power Splitter/Combiner 1700 ??2000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com