Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAPDCC0008 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAPDCC0008 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAPDCC0008
Download  MAPDCC0008 Download
File Size   102.1 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz

MAPDCC0008 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAPDCC0008 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0008
Download  MAPDCC0008 Click to download

File Size   102.1 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz

MAPDCC0008 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAPDCC0008 Product details

Description
M/A-COM’s MAPDCC0008 is an IC-based monolithic power splitter/combiner in a low cost SOW-16 plastic package. This device is ideally suited for applications where PCB real estate is at a premium and standard packaging for automated assembly and low cost are critical. Typical applications include infrastructure, portables and peripheral devices (PCMCIA cards) for wireless standards such as GSM, AMPS, CDPD, RAM and ARDIS. Available in tape and reel.

Features
• Small Size and Low Profile
• Industry Standard SOW-16 SMT Plastic Package
• Excellent Repeatability (Lot-to-Lot Variation)
• Typical Isolation: 18 dB
• Typical Amplitude Balance: 0.1 dB
• Low Cost
• Typical Insertion Loss: 1.0 dB
• Lead-Free SOW-16 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of DS54-0002




Similar Part No. - MAPDCC0008

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0008 MA-COM-MAPDCC0008 Datasheet
102Kb / 3P
Low Cost Four-Way SMT Power
MAPDCC0008 MA-COM-MAPDCC0008 Datasheet
649Kb / 4P
Low Cost Four-Way SMT Power
MAPDCC0008-TB MA-COM-MAPDCC0008-TB Datasheet
649Kb / 4P
Low Cost Four-Way SMT Power
MAPDCC0008TR MA-COM-MAPDCC0008TR Datasheet
649Kb / 4P
Low Cost Four-Way SMT Power
MAPDCC0008 MA-COM-MAPDCC0008_15 Datasheet
649Kb / 4P
Low Cost Four-Way SMT Power
More results


Similar Description - MAPDCC0008

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS54-0002 MACOM-DS54-0002 Datasheet
58Kb / 2P
Low Cost Four-Way SMT Power Splitter/ Combiner 1700-2000 MHz
DS54-0006 MACOM-DS54-0006 Datasheet
37Kb / 2P
Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz
DS56-0002 MACOM-DS56-0002 Datasheet
115Kb / 2P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
DS54-0003 MACOM-DS54-0003 Datasheet
111Kb / 1P
Low Cost Four-way SMT Power Splitter/Combiner, 1200 - 1660 MHz
logo
M/A-COM Technology Solu...
DS54-0002 MA-COM-DS54-0002 Datasheet
102Kb / 3P
Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz
DS54-0006 MA-COM-DS54-0006 Datasheet
77Kb / 4P
Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz
DS56-0002 MA-COM-DS56-0002 Datasheet
86Kb / 4P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0014 MA-COM-MAPDCC0014 Datasheet
74Kb / 4P
Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018 Datasheet
85Kb / 4P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018_15 Datasheet
538Kb / 5P
Low Cost Six-Way Power Splitter/Combiner 1700 ??2000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com