Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAPDCC0014 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAPDCC0014 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAPDCC0014
Download  MAPDCC0014 Download
File Size   74.63 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz

MAPDCC0014 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAPDCC0014 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0014
Download  MAPDCC0014 Click to download

File Size   74.63 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz

MAPDCC0014 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAPDCC0014 Product details

Description
M/A-COM’s MAPDCC0014 is an IC-based monolithic power splitter/combiner in a low cost SOIC-16 plastic package. This device is ideally suited for applications where PCB real estate is at a premium and standard packaging for automated assembly and low cost are critical. Typical applications include infrastructure, portables, and peripheral devices (PCMCIA cards) for wireless standards such as PCS, PCN, DECT, PHS, and DCS-1800. Available in Tape and Reel.

Features
• Low Cost
• Small Size and Low Profile
• Excellent Repeatability (Lot-to-Lot Variation)
• Typical Isolation: 23 dB
• Typical Amplitude Balance: 0.8 dB
• Typical Insertion Loss: 1.4 dB
• Lead-Free SOIC-16 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free ―Green‖ Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of DS54-0006




Similar Part No. - MAPDCC0014

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0014 MA-COM-MAPDCC0014 Datasheet
74Kb / 4P
Four Way SMT Power Splitter/Combiner
MAPDCC0014 MA-COM-MAPDCC0014 Datasheet
503Kb / 5P
Four Way SMT Power Splitter/Combiner
MAPDCC0014-TB MA-COM-MAPDCC0014-TB Datasheet
503Kb / 5P
Four Way SMT Power Splitter/Combiner
MAPDCC0014-TR MA-COM-MAPDCC0014-TR Datasheet
503Kb / 5P
Four Way SMT Power Splitter/Combiner
MAPDCC0014 MA-COM-MAPDCC0014_15 Datasheet
503Kb / 5P
Four Way SMT Power Splitter/Combiner
More results


Similar Description - MAPDCC0014

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS54-0002 MACOM-DS54-0002 Datasheet
58Kb / 2P
Low Cost Four-Way SMT Power Splitter/ Combiner 1700-2000 MHz
DS54-0006 MACOM-DS54-0006 Datasheet
37Kb / 2P
Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz
DS56-0002 MACOM-DS56-0002 Datasheet
115Kb / 2P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
DS54-0002 MA-COM-DS54-0002 Datasheet
102Kb / 3P
Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz
DS54-0006 MA-COM-DS54-0006 Datasheet
77Kb / 4P
Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz
DS56-0002 MA-COM-DS56-0002 Datasheet
86Kb / 4P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0008 MA-COM-MAPDCC0008 Datasheet
102Kb / 3P
Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018 Datasheet
85Kb / 4P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0014 MA-COM-MAPDCC0014_15 Datasheet
503Kb / 5P
Four Way SMT Power Splitter/Combiner
MAPDCC0018 MA-COM-MAPDCC0018_15 Datasheet
538Kb / 5P
Low Cost Six-Way Power Splitter/Combiner 1700 ??2000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com