Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS56-0002-RTR Datasheet (PDF) - Tyco Electronics

DS56-0002-RTR Datasheet PDF - Tyco Electronics
Part # DS56-0002-RTR
Download  DS56-0002-RTR Download
File Size   115.9 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz

DS56-0002-RTR Datasheet (PDF)

Go To PDF Page Download Datasheet
DS56-0002-RTR Datasheet PDF - Tyco Electronics

Part # DS56-0002-RTR
Download  DS56-0002-RTR Click to download

File Size   115.9 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz

DS56-0002-RTR Datasheet (HTML) - Tyco Electronics


DS56-0002-RTR Product details

Description

M/A-COM’s DS56-0002 is an IC-based monolithic power divider in a low cost SOW-16 -lead plastic package. This 6-way power divider is ideally suited for applications where small size, low profile and low cost, without sacrificing performance, are re quired. Typical applications include base stations, portables and PCMCIA cards for wireless standards such as DCS-1800, PCN, PCS, DECT and PHS. Available in tape and reel.

The DS56-0002 is fabricated using a passive-integrated circuit process. The process features full-chip passivation for increased performance and reliability.



Features

• Small Size, Low Profile

• Industry Standard SOW-16 SMT Plastic Package

• Superior Repeatability

• Insertion Loss: 1.1 dB Typical

• Isolation: 22 dB Typical

• Low Cost



 




Similar Part No. - DS56-0002-RTR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS56-0002-TR MA-COM-DS56-0002-TR Datasheet
86Kb / 4P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
More results


Similar Description - DS56-0002-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS54-0002 MACOM-DS54-0002 Datasheet
58Kb / 2P
Low Cost Four-Way SMT Power Splitter/ Combiner 1700-2000 MHz
DS56-0006 MACOM-DS56-0006 Datasheet
75Kb / 2P
Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
DS54-0002 MA-COM-DS54-0002 Datasheet
102Kb / 3P
Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz
DS56-0002 MA-COM-DS56-0002 Datasheet
86Kb / 4P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
DS56-0006 MA-COM-DS56-0006 Datasheet
95Kb / 4P
Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
MAPDCC0008 MA-COM-MAPDCC0008 Datasheet
102Kb / 3P
Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018 Datasheet
85Kb / 4P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0020 MA-COM-MAPDCC0020 Datasheet
92Kb / 4P
Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018 Datasheet
85Kb / 4P
Low Cost Six-Way Power Splitter/Combiner
MAPDCC0018 MA-COM-MAPDCC0018_15 Datasheet
538Kb / 5P
Low Cost Six-Way Power Splitter/Combiner 1700 ??2000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com