Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS56-0002-RTR Datasheet(PDF) 1 Page - Tyco Electronics

Part # DS56-0002-RTR
Description  Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS56-0002-RTR Datasheet(HTML) 1 Page - Tyco Electronics

  DS56-0002-RTR Datasheet HTML 1Page - Tyco Electronics DS56-0002-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Six-Way Power Splitter/Combiner
DS56-0002
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 s
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
The Preliminary Specifications Data Sheet contains typical electrical specifications which may change prior to final introduction.
V1.B
Features
• Small Size, Low Profile
• Industry Standard SOW-16 SMT Plastic Package
• Superior Repeatability
• Insertion Loss: 1.1 dB Typical
• Isolation: 22 dB Typical
• Low Cost
Description
M/A-COM’s DS56-0002 is an IC-based monolithic power divider
in a low cost SOW-16 -lead plastic package. This 6-way power
divider is ideally suited for applications where small size, low
profile and low cost, without sacrificing performance, are re-
quired. Typical applications include base stations, portables and
PCMCIA cards for wireless standards such as DCS-1800, PCN,
PCS, DECT and PHS. Available in tape and reel.
The DS56-0002 is fabricated using a passive-integrated circuit
process. The process features full-chip passivation for increased
performance and reliability.
SOW-16
1. If specific reel size is required, consult factory for part number
assignment.
Part Number
Package
DS56-0002
DS56-0002-TR
DS56-0002-RTR
SOW 16-Lead Plastic Package
Forward Tape and Reel
1
Reverse Tape and Reel
1
1. All specifications apply with a 50-ohm source and load impedance.
Typical Electrical Specifications
1, T
A= +25ºC
Parameters
Units
Min.
Typ.
Max.
Insertion Loss
dB
1.2
1.5
Isolation
dB
18
22
VSWR
1.4:1
1.8:1
Amplitude Balance
dB
0.5
1.0
Phase Balance
°
15°
Ordering Information
Low Cost Six-Way Power Splitter/Combiner
1700 - 2000 MHz
DS56-0002
.013-.020 TYP
(0.33-0.51)
.0040-.0118
(0.10-0.30)
.394-.419
(10.00-10.65)
Pin 16
Orientation
Mark
.010(0.25) M B M
-B-
.3977-.4133
(10.10-10.50)
-A-
0.050(1.27) BSC.
.0926-.1043
(7.40-7.60)
.010(0.25) M C A M B S
16-Lead SOP outline dimensions
Wide body (.300)
(All dimensions per JEDEC No. MS-013-AA, Issue C)
Dimensions in ( ) are in mm.
0-8
.010-.029 x
45 Chamfer
(0.25-0.75)
.016-.050
(0.40-1.27)
.0091-.0125
(0.23-0.32)
-C-
Pin 1
Unless Otherwise Noted: .xxx = 0.010 (.xx = 0.25)
.xx = 0.02 (.x = 0.5)
.004 (0.10)
Preliminary Specifications


Similar Part No. - DS56-0002-RTR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS56-0002-TR MA-COM-DS56-0002-TR Datasheet
86Kb / 4P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
More results

Similar Description - DS56-0002-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS54-0002 MACOM-DS54-0002 Datasheet
58Kb / 2P
Low Cost Four-Way SMT Power Splitter/ Combiner 1700-2000 MHz
DS56-0006 MACOM-DS56-0006 Datasheet
75Kb / 2P
Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
DS54-0002 MA-COM-DS54-0002 Datasheet
102Kb / 3P
Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz
DS56-0002 MA-COM-DS56-0002 Datasheet
86Kb / 4P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
DS56-0006 MA-COM-DS56-0006 Datasheet
95Kb / 4P
Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
MAPDCC0008 MA-COM-MAPDCC0008 Datasheet
102Kb / 3P
Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018 Datasheet
85Kb / 4P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0020 MA-COM-MAPDCC0020 Datasheet
92Kb / 4P
Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018 Datasheet
85Kb / 4P
Low Cost Six-Way Power Splitter/Combiner
MAPDCC0018 MA-COM-MAPDCC0018_15 Datasheet
538Kb / 5P
Low Cost Six-Way Power Splitter/Combiner 1700 ??2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com