Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS58-0001-RTR Datasheet(PDF) 2 Page - Tyco Electronics

Part # DS58-0001-RTR
Description  Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS58-0001-RTR Datasheet(HTML) 2 Page - Tyco Electronics

  DS58-0001-RTR Datasheet HTML 1Page - Tyco Electronics DS58-0001-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Low Cost Five-Way GMIC SMT Power Divider
DS58-0001
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
The preliminary specifications data sheet contains typical electrical specifications which may change prior to final introduction.
V1.A
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Input Power
2
Operating Temperature
Storage Temperature
1W CW
-40°C to +85°C
-65°C to 150°C
1. Exceeding these limits may cause permanent damage.
2. With internal load dissipation of 0.125 W maximum.
Functional Diagram
Pins
Typical Performance @ +25°C
VSWR vs. Frequency
Isolation vs. Frequency
Insertion Loss vs. Frequency
(Dashed lines show amplitude balance window)
-2
-1.75
-1.5
-1.25
-1
-0.75
-0.5
-0.25
0
824
858
892
926
960
Frequency MHz
1
1.2
1.4
1.6
1.8
2
82 4
8 5 8
89 2
9 2 6
96 0
F requenc y M H z
Input
O u tput
-4 0
-3 5
-3 0
-2 5
-2 0
-1 5
-1 0
-5
0
824
858
892
926
960
F requenc y M H z



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com