Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS58-0001-RTR Datasheet(PDF) 1 Page - Tyco Electronics

Part # DS58-0001-RTR
Description  Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS58-0001-RTR Datasheet(HTML) 1 Page - Tyco Electronics

  DS58-0001-RTR Datasheet HTML 1Page - Tyco Electronics DS58-0001-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Cost Five-Way GMIC SMT Power Divider
DS58-0001
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
The preliminary specifications data sheet contains typical electrical specifications which may change prior to final introduction.
V1.A
Features
• Small Size, Low Profile
• Superior Repeatability ( Lot-to-Lot Varation)
• Industry Standard QSOP-20 SMT Plastic Package
• Typical Isolation: 30 dB
• Typical Insertion Loss: 1.5 dB
• Low Cost
• 1 Watt Power Handling
Description
M/A-COM’s DS58-0001 is an IC-based monolithic power divider
in low cost QSOP-20 Plastic Packages. This 8-way power divider
is ideally suited for applications where PCB real estate is at a
premium and part count reduction and cost are critical. Typical
applications include base station switching networks and other
cellular equipment, including subscriber units. Available in tape
and reel.
The DS58-0001 is fabricated using a passive-integrated circuit
process. The process features full-chip passivation for increased
performance and reliability.
SSOP-20
1. If specific reel size is required, consult factory for part number
assignment.
Part Number
Package
DS58-0001
DS58-0001-TR
DS58-0001-RTR
QSOP 20-Lead Plastic Package
Forward Tape and Reel
1
Reverse Tape and Reel
1
1. All specifications apply with a 50-ohm source and load impedance.
Typical Electrical Specifications
1, T
A= +25°C
Parameters
Units
Min.
Typ.
Max.
Insertion Loss Above 9.0 dB
dB
—
1.5
2.0
Isolation
dB
20
30
—
VSWR
—
—
1.7:1
2.0:1
Amplitude Balance
dB
—
0.4
0.8
Phase Balance
°
—
5
10
Ordering Information
Low Cost Eight-Way GMIC SMT Power Divider
824 - 960 MHz
DS58-0001
Preliminary Specifications
.0530/.0690
(1.35/1.75)
-B-
.3370/.3440
(8.56/8.74)
20-Lead SSOP outline dimensions
(All dimensions per JEDEC No. MS-137-AD, Issue C)
Dimensions in () are in mm.
Unless Otherwise Noted:.XXX= .010 (.XX= 0.25)
±±
SSOP-20, .150 WIDE
R .008/.013
(0.20/0.33)
.0040/.0100
(0.10/0.25)
.228/.244
(5.79/6.20)
PIN 1
PIN 20
.150/.157
(3.81/3.99)
16X .008/.012
(0.20/0.30)
.025(0.64) BSC.
-A-
-C-
.016/.050
(0.40/1.27)
0-8
°°
.010/.029 x 45
°
CHAMFER
(0.25/0.75)
.0070/.010
(0.18/0.25)
ORIENTATION
MARK (OPTIONAL)
.010(0.25) M B M
.007(0.18) M C
S
A
M
B
.XX= .02 (.X= 0.5)
±


Similar Part No. - DS58-0001-RTR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS58-0001-TR MA-COM-DS58-0001-TR Datasheet
77Kb / 3P
Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
More results

Similar Description - DS58-0001-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS52-0008 MACOM-DS52-0008 Datasheet
46Kb / 2P
Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
DS54-0005 MACOM-DS54-0005 Datasheet
45Kb / 2P
Low Cost Four-Way GMIC SMT Power Divider 824 . 960 MHz
MAPDCC0011 MACOM-MAPDCC0011 Datasheet
155Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
DS52-0008 MA-COM-DS52-0008 Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
DS58-0001 MA-COM-DS58-0001 Datasheet
77Kb / 3P
Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0021 MA-COM-MAPDCC0021 Datasheet
78Kb / 3P
Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0009 MA-COM-MAPDCC0009_15 Datasheet
605Kb / 5P
Low Cost Four-Way GMIC SMT Power Divider 824 ??960 MHz
MAPDCC0011 MA-COM-MAPDCC0011_15 Datasheet
646Kb / 5P
Low Cost Two-Way GMIC SMT Power Divider 824 ??960 MHz
MAPDCC0021 MA-COM-MAPDCC0021_15 Datasheet
530Kb / 4P
Low Cost Eight-Way GMIC SMT Power Divider 824 ??960 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com