Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2052SR Datasheet(PDF) 21 Page - RF Micro Devices

Part # RF2052SR
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2052SR Datasheet(HTML) 21 Page - RF Micro Devices

Back Button RF2052SR Datasheet HTML 17Page - RF Micro Devices RF2052SR Datasheet HTML 18Page - RF Micro Devices RF2052SR Datasheet HTML 19Page - RF Micro Devices RF2052SR Datasheet HTML 20Page - RF Micro Devices RF2052SR Datasheet HTML 21Page - RF Micro Devices RF2052SR Datasheet HTML 22Page - RF Micro Devices RF2052SR Datasheet HTML 23Page - RF Micro Devices RF2052SR Datasheet HTML 24Page - RF Micro Devices RF2052SR Datasheet HTML 25Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
21 of 37
RF2052
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Programming Registers
Register Map Diagram
Reg.
Name
R/W
Add
Data
15
14
13 12 11 10
9
8
7
6
5
4
3
2
1
0
CFG1
R/W
00
LD_EN LD_LEV
TVCO
PDP LF_ACT
CPL
CT_POL Res EXT_VCO FULLD CP_LO_I
CFG2
R/W
01
MIX1_IDD
MIX1_VB
MIX2_IDD
MIX2_VB
Res
KV_RNG NBR_CT_AVG
NBR_KV_AVG
CFG3
R/W
02
TKV1
TKV2
Res
FLL_FACT CT_CPOLREFSTBY
CFG4
R/W
03
CLK_DIV_BYPASS
XO_CT
XO_I2 XO_I1 XO_CR_S
TCT
CFG5
R/W
04
LO1_I
LO2_I
T_PH_ALGN
CFG6
R/W
05
SU_WAIT
Res
PLL1x0
R/W
08
P1_VCOSEL
P1_CT_E
N
P1_KV_E
N
P1_LO-
DIV
Res
P1_CP_DEF
PLL1x1
R/W
09
P1_NUM_MSB
PLL1x2
R/W
0A
P1_NUM_LSB
P1_CT_DEF
Res
PLL1x3
R/W
0B
P1_N
Res
P1_VCOI
PLL1x4
R/W
0C
P1_DN
P1_CT_GAIN
P1_KV_GAIN
Res
PLL1x5
R/W
0D
P1_N_PHS_ADJ
Res
P1_CT_V
PLL2x0
R/W
10
P2_VCOSEL
P2_CT_E
N
P2_KV__E
N
P2_LO-
DIV
Res
P2_CP_DEF
PLL2x1
R/W
11
P2_NUM_MSB
PLL2x2
R/W
12
P2_NUM_LSB
P2_CT_DEF
Res
PLL2x3
R/W
13
P2_N
Res
P2_VCOI
PLL2x4
R/W
14
P2_DN
P2_CT_GAIN
P2_KV_GAIN
Res
PLL2x5
R/W
15
P2_N_PHS_ADJ
Res
P2_CT_V
GPO
R/W
18
Res
P1_G-
PO1
Res P1_
GPO
3
P1_
GPO
4
Res
P2_G-
PO1
Res
P2_G-
PO3
P2_
GPO
4
Res
CHIPREV
R
19
PARTNO
REVNO
RB1
R
1C
LOCK
CT_CAL
CP_CAL
Res
RB2
R
1D
V0_CAL
V1_CAL
RB3
R
1E
RSM_STATE
Res
TEST
R
1F
TEN
TMUX
CPU CPD FNZ LDO
_BY
P
TSEL
Res
DACTEST
Res



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com