Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2052SR Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2052SR
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2052SR Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2052SR Datasheet HTML 5Page - RF Micro Devices RF2052SR Datasheet HTML 6Page - RF Micro Devices RF2052SR Datasheet HTML 7Page - RF Micro Devices RF2052SR Datasheet HTML 8Page - RF Micro Devices RF2052SR Datasheet HTML 9Page - RF Micro Devices RF2052SR Datasheet HTML 10Page - RF Micro Devices RF2052SR Datasheet HTML 11Page - RF Micro Devices RF2052SR Datasheet HTML 12Page - RF Micro Devices RF2052SR Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
9 of 37
RF2052
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Characteristics: RF Mixer - VDD=3V, TA=25°C unless stated, as measured on RF2052 evaluation board,
for application schematic see page 34.
Mixer Noise Figure versus Bias Current
IF Output=100MHz
5
6
7
8
9
10
11
12
13
14
15
250
500
750
1000
1250
1500
1750
RF Input Frequency (MHz)
MIX2_IDD = 001
MIX2_IDD = 010
MIX2_IDD = 011
MIX2_IDD = 100
MIX2_IDD = 101
Mixer Input Power for 1dB Compression
versus Temperature and Bias Current Setting
IF Output=100MHz
-2
0
2
4
6
8
10
12
14
250
500
750
1000
1250
1500
1750
RF Input Frequency (MHz)
-40 Deg C, 001
+27 Deg C, 001
+85 Deg C, 001
-40 Deg C, 011
+27 Deg C, 011
+85 Deg C, 011
-40 Deg C, 101
+27 Deg C, 101
+85 Deg C, 101
Mixer Input IP3 versus Bias Current Setting
0
5
10
15
20
25
30
001
010
011
100
101
Bias Current Setting (MIX2_IDD)
500MHz RF to 100MHz IF
900MHz RF to 100MHz IF
2000MHz RF to 500MHz IF
Mixer Noise Figure versus Temperature
IF Output=100MHz and MIX2_IDD=100
5
6
7
8
9
10
11
12
13
14
15
250
500
750
1000
1250
1500
1750
RF Input Frequency (MHz)
-40°C
+27°C
+85°C
IIP3 versus Temperature and Supply Voltage
(Max Linearity)
18.8
19.0
19.2
19.4
19.6
19.8
20.0
20.2
20.4
20.6
-40
-20
0
20
40
60
80
100
Temperature (°C)
2.7V
3.0V
3.6V
NF versus Temperature and Supply Voltage
(Low Noise Mode MIX2_IDD=001)
8.0
8.5
9.0
9.5
10.0
10.5
11.0
-40
-20
0
20
40
60
80
100
Temperature (°C)
2.7V
3.0V
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com