Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3952 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3952
Description  60V LED Driver with 4A Switch Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3952 Datasheet(HTML) 2 Page - Linear Technology

  LT3952_15 Datasheet HTML 1Page - Linear Technology LT3952_15 Datasheet HTML 2Page - Linear Technology LT3952_15 Datasheet HTML 3Page - Linear Technology LT3952_15 Datasheet HTML 4Page - Linear Technology LT3952_15 Datasheet HTML 5Page - Linear Technology LT3952_15 Datasheet HTML 6Page - Linear Technology LT3952_15 Datasheet HTML 7Page - Linear Technology LT3952_15 Datasheet HTML 8Page - Linear Technology LT3952_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LT3952
2
3952f
For more information www.linear.com/LT3952
pin conFiguraTion
absoluTe MaxiMuM raTings
VIN, IVINP, IVINN, SHORTLED, OPENLED,
EN/UVLO ..................................................................42V
OVLO ........................................................................12V
SW, ISP, ISN, TG .......................................................60V
IVINP-IVINN.....................................................–1V to 3V
CTRL, FB, DIM, SYNC/SPRD, PWM......... INTVCC + 0.3V
VC, SS, ISMON, IVINCOMP.........................................3V
RT, VREF .....................................................................2V
INTVCC (Note 5).......................................................3.6V
Operating Junction Temperature Range (Notes 2, 3)
LT3952E/LT3952I .............................. –40°C to 125°C
LT3952H ............................................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND
SW
SW
SW
IVINN
IVINP
VIN
EN/UVLO
OVLO
INTVCC
SYNC/SPRD
GND
VC
RT
GND
ISP
ISN
TG
ISMON
IVINCOMP
OPENLED
SHORTLED
PWM
SS
VREF
CTRL
FB
DIM
29
GND
θJA = 30°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3952EFE#PBF
LT3952EFE#TRPBF
LT3952FE
28-Lead Plastic TSSOP
–40°C to 125°C
LT3952IFE#PBF
LT3952IFE#TRPBF
LT3952FE
28-Lead Plastic TSSOP
–40°C to 125°C
LT3952HFE#PBF
LT3952HFE#TRPBF
LT3952FE
28-Lead Plastic TSSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping
container.Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com