Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3952 Datasheet (PDF) - Linear Technology

LT3952 Datasheet PDF - Linear Technology
Part # LT3952_15
Download  LT3952 Download
File Size   552.55 Kbytes
Page   32 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 60V LED Driver with 4A Switch Current

LT3952 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3952 Datasheet PDF - Linear Technology

Part # LT3952_15
Download  LT3952 Click to download

File Size   552.55 Kbytes
Page   32 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 60V LED Driver with 4A Switch Current

LT3952 Datasheet (HTML) - Linear Technology




Similar Part No. - LT3952_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT3952A AD-LT3952A Datasheet
2Mb / 30P
60V LED Driver with 4A Switch Current
LT3952A AD-LT3952A Datasheet
2Mb / 30P
60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
Rev. 0
LT3952A AD-LT3952A Datasheet
4Mb / 31P
60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
Rev. A
More results


Similar Description - LT3952_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1356 DIODES-ZXLD1356 Datasheet
1Mb / 32P
High accuracy 550mA, 60V LED driver with internal switch
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 32P
High accuracy 1A, 60V LED driver with internal switch
ZXLD1366 DIODES-ZXLD1366_10 Datasheet
402Kb / 32P
HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
Rev 5
logo
List of Unclassifed Man...
XL3003 ETC2-XL3003 Datasheet
444Kb / 14P
4A 220KHz 36V Buck LED Constant Current Driver
XL6005 ETC2-XL6005 Datasheet
264Kb / 10P
180KHz 60V 4A Switching Current Boost LED Constant Current Driver
logo
Linear Technology
LT3952 LINER-LT3952 Datasheet
1Mb / 32P
60V LED Driver with 4A Switch Current
logo
XLSEMI
XL6005 XLSEMI-XL6005 Datasheet
420Kb / 11P
180KHz 60V 4A Switching Current Boost LED Constant Current Driver
logo
Analog Devices
LT3952A AD-LT3952A Datasheet
2Mb / 30P
60V LED Driver with 4A Switch Current
logo
Shenzhen Huazhimei Semi...
HM4103 HMSEMI-HM4103 Datasheet
896Kb / 11P
220KHz 36V 4A switch current step-down LED constant current driver
HM6285 HMSEMI-HM6285 Datasheet
679Kb / 10P
180KHz 60V 4A Switching Current Boost LED Constant Current Driver
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com