Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2815 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2815
Description  GPS LOW NOISE AMPLIFIER WITH INTEGRATED OUTPUT SAW FILTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2815 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2815 Datasheet HTML 1Page - RF Micro Devices RF2815 Datasheet HTML 2Page - RF Micro Devices RF2815 Datasheet HTML 3Page - RF Micro Devices RF2815 Datasheet HTML 4Page - RF Micro Devices RF2815 Datasheet HTML 5Page - RF Micro Devices RF2815 Datasheet HTML 6Page - RF Micro Devices RF2815 Datasheet HTML 7Page - RF Micro Devices RF2815 Datasheet HTML 8Page - RF Micro Devices RF2815 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RF2815
DS100211
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
VDD
3.6
V
IDD
20
mA
Maximum Input Power - CW,
VDD=2.85V, IDD=9mA
+15
dBm
PDISS
72
mW
Max Voltage on RF Output (Pin 8)
+5
V
TJ (Junction Temperature)
150
°C
Storage Temperature
-65 to +150
°C
Operating Temperature
-40 to +85
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
High Current Mode
VDD=+2.85, VSD=2.6V, IDD=8mA, R2=3k
Freq=1575.42MHz. Nominal Operating Condi-
tions (unless otherwise specified)
Gain (G)
11
13.5
dB
Noise Figure (NF)*
0.85
1.3
dB
Input P1dB Compressed Power
(P1dB)
-2
dBm
Input 3rd Order Intercept Point
(2-tone @ fc±2.5Hz)
9dBm
Input Return Loss (S11)
-8
dB
Output Return Loss (S22)
-13
dB
Reverse Isolation (S12)
-24
dB
Cell Band Rejection (Relative to
1575GHz at 827.5Hz
50
54
dBc
PCS Band Rejection (Relative to
1575GHz at 1885MHz)
39
42
dBc
Supply DC Current at Shutdown
(SD) Voltage VSD=2.6V (IDD)
815
mA
ISH (Shutdown Current)
0.1
uA
Low Current Mode
VDD=+2.85, VSD=1.67V, IDD=4.5mA,
R2=3k
Freq=1575.42MHz. Nominal Oper-
ating Conditions (unless otherwise specified)
Gain (G)
12
dB
Noise Figure (NF)*
1
dB
Input P1dB Compressed Power
(P1dB)
0dBm
Input 3rd Order Intercept Point
(2-tone @ fc±2.5Hz)
7dBm
Input Return Loss (S11)
-7
dB
Output Return Loss (S22)
-11
dB
Reverse Isolation (S12)
-24
dB
Cell Band Rejection (Relative to
1575GHz at 827.5Hz
50
55
dBc
PCS Band Rejection (Relative to
1575GHz at 1885MHz)
39
42
dBc
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com