Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2815 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2815
Description  GPS LOW NOISE AMPLIFIER WITH INTEGRATED OUTPUT SAW FILTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2815 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2815 Datasheet HTML 1Page - RF Micro Devices RF2815 Datasheet HTML 2Page - RF Micro Devices RF2815 Datasheet HTML 3Page - RF Micro Devices RF2815 Datasheet HTML 4Page - RF Micro Devices RF2815 Datasheet HTML 5Page - RF Micro Devices RF2815 Datasheet HTML 6Page - RF Micro Devices RF2815 Datasheet HTML 7Page - RF Micro Devices RF2815 Datasheet HTML 8Page - RF Micro Devices RF2815 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
Input
Match
VDD
OUTPUT
INPUT
RF2815
VSD
RF2815
GPS LOW NOISE AMPLIFIER WITH
INTEGRATED OUTPUT SAW FILTER
The RF2815 is a GPS Low Noise Amplifier with an integrated SAW filter at
the output. Low noise figure, along with high gain, achieved by the
RF2815 makes it ideal for GPS recievers requiring high sensitivity. This
module builds upon RFMD’s leading edge pHEMT process and integrates
input matching and low loss high rejection SAW filter at the output. This
results in high performance and a reduced solution size. The ease of
implementation simplifies the reciever design.
The RF2185 is packaged in a compact 3.3mmx2.1mmx1.0mm package
with low external component count required to achieve the best-in-class
performance.
Features
Low Noise Figure: 0.85dB
(Typ.)
High Gain: 13.5dB
High IIP3: +9dBm
Operable Over Wide Supply
Voltage Range: 1V to 3.6V
CMOS Compatible Shutdown
Function (<0.1uA)
Current Tunability Via Single
Resistor
No External DC-Blocking
Capacitor Required at the
Output - Lowest BOM Cost
and Small Solution Size
Compact Footprint:
3.3mmx2.1mmx1.0mm
Applications
Cellular and Non-Cellular GPS
Receivers
DS100211
Package: Module, 3.3x2.1x1.0
RF2815GPS
Low Noise
Amplifier with
Integrated Out-
put SAW Filter
RF2815
GPS Low Noise Amplifier with Integrated Output SAW Filter
RF2815PCBA-410
Fully Assembled Evaluation Board


Similar Part No. - RF2815

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RF2810D0050 ADAM-TECH-RF2810D0050 Datasheet
154Kb / 1P
RF CONNECTORS
RF2810D0075 ADAM-TECH-RF2810D0075 Datasheet
154Kb / 1P
RF CONNECTORS
RF2810DAS50 ADAM-TECH-RF2810DAS50 Datasheet
154Kb / 1P
RF CONNECTORS
RF2810DAS75 ADAM-TECH-RF2810DAS75 Datasheet
154Kb / 1P
RF CONNECTORS
RF2810P0050 ADAM-TECH-RF2810P0050 Datasheet
154Kb / 1P
RF CONNECTORS
More results

Similar Description - RF2815

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GPA-017S ETC2-GPA-017S Datasheet
34Kb / 4P
GPS ANTENNA WITH LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
MAX2659_1108 MAXIM-MAX2659_1108 Datasheet
126Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 4; 8/11
MAX2686L MAXIM-MAX2686L Datasheet
1Mb / 10P
GPS/GNSS Low-Noise Amplifiers with Integrated LDO
Rev 0; 3/12
logo
RF Micro Devices
RF2818 RFMD-RF2818 Datasheet
648Kb / 8P
GPS LOW NOISE AMPLIFIER WITH INTEGRATED INPUT/OUTPUT SAW FILTERS
logo
Skyworks Solutions Inc.
SKY65709-51 SKYWORKS-SKY65709-51 Datasheet
117Kb / 2P
Low-Noise Amplifier Front-End Module with GPS-GNSS Pre-Filter
logo
Advanced Semiconductor ...
ASL38G ASB-ASL38G Datasheet
1Mb / 25P
GPS Low Noise Two-Stage Amplifier with External Filter Connectable
January 2017
logo
SJM Prewell. All Rights...
PLG01 SJM-PLG01 Datasheet
624Kb / 8P
Low Noise Amplifier for GPS
logo
Qorvo, Inc
QM14501 QORVO-QM14501 Datasheet
576Kb / 13P
GPS, GLONASS, and BeiDou Low Noise Amplifier With Integrated Output SAW Filter
2017
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
GPS/GNSS Low-Noise Amplifier
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com