Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3518SB Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3518SB
Description  3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3518SB Datasheet(HTML) 1 Page - RF Micro Devices

  RF3518SB Datasheet HTML 1Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409
For sales or technical support, contact RFMD at +1.336.678.5570 or
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owne
RF3518
3V W-CDMA SINGLE-BAND POWER AMPLIFIER
MODULE
The RF3518 single-band linear power amplifier
3.4V, 50
mobile equipment designed for 3G UMTS
spectral linearity requirements of HSDPA, HSUPA and HSPA+
added efficiency. Two digital control pins select
modes to optimize performance and current drain at
RF3518 integrates a directional coupler that
discrete coupler.
Functional Block
Ordering Information
RF3518
3V W-CDMA Band 8
RF3518SB
5 Piece Sample Bag + 351
RF3518SQ
25 Piece Sample Bag
RF3518SR
100 Piece 7” Reel
RF3518TR7
2500 Piece 7” Reel
RF3518TR7X
7" tape and reel, non
RF3518PCBA-410
Fully Assembled Evaluation Board
7628 Thorndike Road, Greensboro, NC 27409-9421
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
C. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
ners. ©2013, RF Micro Devices, Inc.
BAND POWER AMPLIFIER
linear power amplifier supports B8 (880-915MHz) in
mobile equipment designed for 3G UMTS transmit. RF3518 meets the
SDPA, HSUPA and HSPA+ with high power
selects high, medium or low power
to optimize performance and current drain at different power levels.
that eliminates the need for an external
Functional Block Diagram
CDMA Band 8 PA Module
5 Piece Sample Bag + 3518-410 PCBA
25 Piece Sample Bag
Piece 7” Reel
7" tape and reel, non-standard quantity only
Fully Assembled Evaluation Board
RF3518
Package: Module
2.0mm x 2.5
Features
■
Band 8
■
HSDPA
■
Linear Output Power to
■
High Efficiency
■
3 Power Mode Operation
■
Integrated Power Coupler
■
No External DC Block Needed
■
Digital Control Interface
■
Ultra Small
Package
Applications
■
WCDMA/HSPDA/HSUPA/HSPA+
Wireless Handsets and Data Cards
DS140
508
C. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
1 of 1
Module, 10-pin,
2.5mm x 0.9mm
Operation
A/HSUPA/HSPA+
Output Power to 27.5 dBm
High Efficiency 40% at 27.5 dBm
3 Power Mode Operation
Integrated Power Coupler
No External DC Block Needed
Digital Control Interface
Small and Low Profile
Package
Applications
WCDMA/HSPDA/HSUPA/HSPA+
Wireless Handsets and Data Cards


Similar Part No. - RF3518SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF3518 QORVO-RF3518 Datasheet
87Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
More results

Similar Description - RF3518SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5198 RFMD-RF5198 Datasheet
92Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF5188 RFMD-RF5188_1 Datasheet
210Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3511 RFMD-RF3511 Datasheet
86Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF3512 RFMD-RF3512 Datasheet
114Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF3514 RFMD-RF3514 Datasheet
115Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF3515 RFMD-RF3515 Datasheet
118Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
logo
Qorvo, Inc
RF3518 QORVO-RF3518 Datasheet
87Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF3515 QORVO-RF3515 Datasheet
118Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF3514 QORVO-RF3514 Datasheet
115Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER v
RF3511 QORVO-RF3511 Datasheet
86Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com