Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8697 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8697
Description  USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8697 Datasheet(HTML) 2 Page - Linear Technology

  LT8697_15 Datasheet HTML 1Page - Linear Technology LT8697_15 Datasheet HTML 2Page - Linear Technology LT8697_15 Datasheet HTML 3Page - Linear Technology LT8697_15 Datasheet HTML 4Page - Linear Technology LT8697_15 Datasheet HTML 5Page - Linear Technology LT8697_15 Datasheet HTML 6Page - Linear Technology LT8697_15 Datasheet HTML 7Page - Linear Technology LT8697_15 Datasheet HTML 8Page - Linear Technology LT8697_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LT8697
2
8697fb
For more information www.linear.com/LT8697
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UV, PG, ISP, ISN...........................................42V
SYS...........................................................................30V
USB5V .....................................................................3mA
BST Above SW............................................................4V
TR/SS, ICTRL..............................................................4V
RT, RCBL.....................................................................2V
SYNC ..........................................................................6V
Operating Junction Temperature Range (Notes 2, 3)
LT8697E ............................................ –40°C to 125°C
LT8697I ............................................. –40°C to 125°C
LT8697H ............................................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
24 23 22 21
9 10
TOP VIEW
25
GND
UDD PACKAGE
24-LEAD (3mm
× 5mm) PLASTIC QFN
11 12
6
5
4
3
2
1
15
16
17
18
19
20
SYNC
TR/SS
RT
EN/UV
VIN
VIN
PGND
PGND
USB5V
PG
SYS
INTVCC
BST
SW
SW
SW
14
7
13
8
θJA = 46°C/W, θJC = 5°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8697EUDD#PBF
LT8697EUDD#TRPBF
LGGW
24-Lead (3mm
× 5mm) Plastic QFN
–40°C to 125°C
LT8697IUDD#PBF
LT8697IUDD#TRPBF
LGGW
24-Lead (3mm
× 5mm) Plastic QFN
–40°C to 125°C
LT8697HUDD#PBF
LT8697HUDD#TRPBF
LGGW
24-Lead (3mm
× 5mm) Plastic QFN
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VIN Undervoltage Lockout
l
2.9
3.4
V
VIN Shutdown Current
VEN/UV = 0.3V
l
1
3
8
µA
µA
VIN Current in Regulation
VIN = 12V, ILOAD = 100µA, RT = 56.2k
l
9
12
mA
VIN to Disable Forced Continuous Mode
VIN Rising
l
27
29
31
V
Output Sink Current in Forced Continuous Mode
VUSB5V = 5.5V, L = 6.8µH, RT = 56.2k
0.6
1
1.7
A
USB5V Voltage
VIN = 12V
l
4.96
4.91
4.99
4.99
5.02
5.04
V
V
USB5V Voltage Line Regulation
VIN = 6V to 42V
l
6
25
mV
Regulated Load Voltage Through 0.3Ω
VIN = 12V, ILOAD = 2.1A, Voltage at Point of Load (End
of Cable), RCBL = 13.7k, RCDC = 10k, RSENSE = 20mΩ
l
4.925
5
5.075
V
USB5V Clamp Voltage
IUSB5V = 3mA
9
V
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 2, 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com