Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8697 Datasheet(PDF) 21 Page - Linear Technology

Part # LT8697
Description  USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8697 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT8697_15 Datasheet HTML 17Page - Linear Technology LT8697_15 Datasheet HTML 18Page - Linear Technology LT8697_15 Datasheet HTML 19Page - Linear Technology LT8697_15 Datasheet HTML 20Page - Linear Technology LT8697_15 Datasheet HTML 21Page - Linear Technology LT8697_15 Datasheet HTML 22Page - Linear Technology LT8697_15 Datasheet HTML 23Page - Linear Technology LT8697_15 Datasheet HTML 24Page - Linear Technology LT8697_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LT8697
21
8697fb
For more information www.linear.com/LT8697
APPLICATIONS INFORMATION
switching frequency and maximum input voltage used in
the desired application. Note that the LT8697 peak switch
current decreases in the 125°C to 150°C H-grade junction
temperature range. The maximum output current that the
LT8697 can deliver at 150°C junction temperature and
maximum duty cycle may be less than 2.5A depending
on the inductor value.
The optimum inductor for a given application may differ
from the one indicated by this design guide. A larger value
inductor provides a higher maximum load current and
reduces the output voltage ripple. For applications requir-
ing smaller load currents, the value of the inductor may
be lower and the LT8697 may operate with higher ripple
current. This allows use of a physically smaller inductor,
or one with a lower DCR resulting in higher efficiency.
For more information about maximum output current
and discontinuous operation, see Linear Technology’s
Application Note 44.
Finally, for duty cycles greater than 50% (VOUT/VIN >
0.5), a minimum inductance LMIN is required to avoid
sub-harmonic oscillation:
LMIN =
5.8V
+ VSW(BOT)
fSW
• 0.8
For robust operation over a wide VIN and VOUT range, use
at least an inductor value as specified above.
Input Capacitor
Bypass the input of the LT8697 circuit with a ceramic ca-
pacitor of X7R or X5R type placed as close as possible to
the VIN and PGND pins. Y5V types have poor performance
over temperature and applied voltage, and should not be
used. A 4.7μF to 10μF ceramic capacitor is adequate to
bypasstheLT8697andwilleasilyhandletheripplecurrent.
Note that larger input capacitance is required when a lower
switching frequency is used. If the input power source has
high impedance, or there is significant inductance due to
long wires or cables, additional bulk capacitance may be
necessary. This can be provided with a low performance
electrolytic capacitor.
Step-down regulators draw current from the input sup-
ply in pulses with very fast rise and fall times. The input
capacitor is required to reduce the resulting voltage
ripple at the LT8697 and to force this very high frequency
switching current into a tight local loop, minimizing EMI.
A 4.7μF capacitor is capable of this task, but only if it is
placed close to the LT8697 (see the PCB Layout section).
Asecondprecautionregardingtheceramicinputcapacitor
concernsthemaximuminputvoltageratingoftheLT8697.
A ceramic input capacitor combined with trace or cable
inductance forms a high quality (under damped) tank cir-
cuit. If the LT8697 circuit is plugged into a live supply, the
input voltage can ring to twice its nominal value, possibly
exceeding the LT8697’s voltage rating. This situation is
easilyavoided(seeLinearTechnologyApplicationNote88).
Output Capacitor and Output Ripple
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated
by the LT8697 to produce the DC output. In this role it
determines the output ripple, thus low impedance at the
switching frequency is important. The second function
is to store energy in order to satisfy transient loads and
stabilize the LT8697’s control loop. Ceramic capacitors
have very low equivalent series resistance (ESR) and
provide the best ripple performance. For good starting
values, see the Typical Applications section.
Use X5R or X7R types. This choice will provide low output
ripple and good transient response. Increasing the output
capacitance will also decrease the output voltage ripple. A
lower value of output capacitor can be used to save space
and cost but this may cause loop instability if the output
capacitor is too small. Since cable drop compensation
slews the voltage across the output capacitor in response
to transient load steps, a smaller output capacitor can give
faster response time. See the Typical Applications in this
data sheet for suggested capacitor values.
When choosing a capacitor, special attention should be
giventothedatasheettocalculatetheeffectivecapacitance
undertherelevantoperatingconditionsofvoltagebiasand
temperature. A physically larger capacitor or one with a
higher voltage rating may be required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com