Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPF4392 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPF4392
Description  SURFACE MOUNT N-CHANNEL SILICON JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPF4392 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPF4392 Datasheet HTML 1Page - Central Semiconductor Corp CMPF4392 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPF4391
CMPF4392
CMPF4393
SURFACE MOUNT
N-CHANNEL
SILICON JFET
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPF4391 series
types are N-Channel Silicon Field Effect Transistors
manufactured by the epitaxial planar process, epoxy
molded in a surface mount package, designed for
switching applications.
MARKING CODE:
CMPF4391:
6J
CMPF4392:
6K
CMPF4393:
6G
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Gate Voltage
VGD
40
V
Gate-Source Voltage
VGS
40
V
Drain-Source Voltage
VDS
40
V
Gate Current
IG
50
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CMPF4391
CMPF4392
CMPF4393
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN MAX
MIN MAX
UNITS
IGSS
VGS=20V
-
0.1
-
0.1
-
0.1
nA
IGSS
VGS=20V, TA=100°C
-
0.2
-
0.2
-
0.2
µA
IDSS
VDS=20V
50
150
25
75
5.0
30
mA
ID(OFF)
VDS=20V, VGS=12V
-
0.1
-
-
-
-
nA
ID(OFF)
VDS=20V, VGS=7.0V
-
-
-
0.1
-
-
nA
ID(OFF)
VDS=20V, VGS=5.0V
-
-
-
-
-
0.1
nA
ID(OFF)
VDS=20V, VGS=12V, TA=100°C
-
0.2
-
-
-
-
µA
ID(OFF)
VDS=20V, VGS=7.0V, TA=100°C
-
-
-
0.2
-
-
µA
ID(OFF)
VDS=20V, VGS=5.0V, TA=100°C
-
-
-
-
-
0.2
µA
BVGSS
IG=1.0µA
40
-
40
40
-
V
VGS(OFF)
VDS=20V, ID=1.0nA
4.0
10
2.0
5.0
0.5
3.0
V
VGS(f)
IG=1.0mA
-
1.0
-
1.0
-
1.0
V
VDS(ON)
ID=12mA
-
0.4
-
-
-
-
V
VDS(ON)
ID=6.0mA
-
-
-
0.4
-
-
V
VDS(ON)
ID=3.0mA
-
-
-
-
-
0.4
V
rDS(ON)
ID=1.0mA, VGS=0
-
30
-
60
-
100
Ω
rds(ON)
VGS=0, ID=0, f=1.0kHz
-
30
-
60
-
100
Ω
Ciss
VDS=20V, VGS=0, f=1.0MHz
-
14
-
14
-
14
pF
SOT-23 CASE
R5 (27-January 2010)
www.centra lsemi.com


Similar Part No. - CMPF4392

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPF4392 CENTRAL-CMPF4392 Datasheet
80Kb / 2P
N-CHANNEL JFET
CMPF4392 CENTRAL-CMPF4392 Datasheet
333Kb / 2P
SURFACE MOUNT N-CHANNEL SILICON JFET
More results

Similar Description - CMPF4392

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPFJ174 CENTRAL-CMPFJ174 Datasheet
59Kb / 2P
SURFACE MOUNT SILICON P-CHANNEL JFET
CMPFJ310 CENTRAL-CMPFJ310 Datasheet
52Kb / 2P
SURFACE MOUNT SILICON N-CHANNEL JFET
CMPF4391 CENTRAL-CMPF4391_10 Datasheet
333Kb / 2P
SURFACE MOUNT N-CHANNEL SILICON JFET
CMPF4416A CENTRAL-CMPF4416A_10 Datasheet
328Kb / 2P
SURFACE MOUNT N-CHANNEL SILICON JFET
CMPF5460 CENTRAL-CMPF5460 Datasheet
63Kb / 2P
SURFACE MOUNT SILICON P-CHANNEL JFET
CMPF5484 CENTRAL-CMPF5484_10 Datasheet
331Kb / 2P
SURFACE MOUNT N-CHANNEL SILICON JFET
CMPF4416A CENTRAL-CMPF4416A_15 Datasheet
328Kb / 2P
SURFACE MOUNT N-CHANNEL SILICON JFET
CMPF5460 CENTRAL-CMPF5460_15 Datasheet
63Kb / 2P
SURFACE MOUNT SILICON P-CHANNEL JFET
CMPF5484 CENTRAL-CMPF5484_15 Datasheet
338Kb / 2P
SURFACE MOUNT SILICON N-CHANNEL JFET
CMPFJ310 CENTRAL-CMPFJ310_15 Datasheet
53Kb / 2P
SURFACE MOUNT SILICON N-CHANNEL JFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com