Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPFJ177 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPFJ177
Description  SURFACE MOUNT SILICON P-CHANNEL JFETS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPFJ177 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPFJ177 Datasheet HTML 1Page - Central Semiconductor Corp CMPFJ177 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPFJ174
CMPFJ175
CMPFJ176
CMPFJ177
SURFACE MOUNT SILICON
P-CHANNEL JFETS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPFJ174
Series devices are epoxy molded P-Channel JFETs
manufactured in an SOT-23 case, designed for low
level amplifier applications.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Gate-Drain Voltage
VGD
30
V
Gate-Source Voltage
VGS
30
V
Gate Current
IG
50
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CMPFJ174
CMPFJ175
CMPFJ176
CMPFJ177
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
IGSS
VGS=20V
-
1.0
-
1.0
-
1.0
-
1.0
nA
IDSS
VDS=15V
20
100
7.0
60
2.0
25
1.5
20
mA
BVGSS
IG=1.0μA
30
-
30
-
30
-
30
-
V
VGS(off)
VDS=15V, ID=10nA
5.0
10
3.0
6.0
1.0
4.0
0.8
2.5
V
rDS(ON)
VDS=0.1V
-
85
-
125
-
250
-
300
Ω
MARKING CODES: CMPFJ174: 6V
CMPFJ175: 6W
CMPFJ176: 6X
CMPFJ177: 6Y
SOT-23 CASE
R6 (2-May 2014)
www.centr a lsemi.com


Similar Part No. - CMPFJ177

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPFJ177 CENTRAL-CMPFJ177 Datasheet
59Kb / 2P
SURFACE MOUNT SILICON P-CHANNEL JFET
More results

Similar Description - CMPFJ177

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SST5460 VISHAY-SST5460 Datasheet
50Kb / 5P
P-Channel JFETs
04-Jun-01
2N5114JAN VISHAY-2N5114JAN Datasheet
28Kb / 3P
P-Channel JFETs
04-Jun-01
SST174 VISHAY-SST174 Datasheet
55Kb / 6P
P-Channel JFETs
04-Jun-01
J270 VISHAY-J270 Datasheet
44Kb / 4P
P-Channel JFETs
02-Jul-01
SST176-T1 VISHAY-SST176-T1 Datasheet
62Kb / 7P
P-Channel JFETs
04-Jun-01
SST174-T1-E3 VISHAY-SST174-T1-E3 Datasheet
62Kb / 7P
P-Channel JFETs
04-Jun-01
SST270-T1-E3 VISHAY-SST270-T1-E3 Datasheet
51Kb / 5P
P-Channel JFETs
02-Jul-01
J175-E3 VISHAY-J175-E3 Datasheet
62Kb / 7P
P-Channel JFETs
04-Jun-01
logo
Central Semiconductor C...
2N5114 CENTRAL-2N5114 Datasheet
540Kb / 2P
SILICON P-CHANNEL JFETS
logo
New Jersey Semi-Conduct...
2N3382 NJSEMI-2N3382 Datasheet
83Kb / 1P
p-channel JFETs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com