Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPFJ177 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPFJ177
Description  SURFACE MOUNT SILICON P-CHANNEL JFETS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPFJ177 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPFJ177 Datasheet HTML 1Page - Central Semiconductor Corp CMPFJ177 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMPFJ174
CMPFJ175
CMPFJ176
CMPFJ177
SURFACE MOUNT SILICON
P-CHANNEL JFETS
LEAD CODE:
1) Drain
2) Source
3) Gate
MARKING CODES:
CMPFJ174: 6V
CMPFJ175: 6W
CMPFJ176: 6X
CMPFJ177: 6Y
SOT-23 CASE - MECHANICAL OUTLINE
1
2
3
www.centr a lsemi.com
R2 (4-August 2014)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com