Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5365 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5365
Description  2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5365 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5365 Datasheet HTML 1Page - RF Micro Devices RF5365 Datasheet HTML 2Page - RF Micro Devices RF5365 Datasheet HTML 3Page - RF Micro Devices RF5365 Datasheet HTML 4Page - RF Micro Devices RF5365 Datasheet HTML 5Page - RF Micro Devices RF5365 Datasheet HTML 6Page - RF Micro Devices RF5365 Datasheet HTML 7Page - RF Micro Devices RF5365 Datasheet HTML 8Page - RF Micro Devices RF5365 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140527
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 11
RF5365
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5.4
VDC
Power Control Voltage (VREG)
-0.5 to 3.5
VDC
DC Supply Current
500
mA
Input RF Power
+5
dBm
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
MSL2
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of antimony
trioxide in polymeric materials and red
phosphorus as a flame retardant, and
<2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Compliance
IEEE802.11b/g/n Standards; FCC CFG 15.247, .205, .209;
EN and JDEC
Operating Conditions
VCC = 3.0V to 4.8V; VREG = 2.8V to 2.9V; Switch Control voltage = 2.7V to 3.6V;
Temp = -10°C to +70°C (SPEC COMPLIANT); Temp = -40°C to -10°C and
+70°C to +85°C (REDUCED PERFORMANCE)
Frequency Range
2.4
2.5
GHz
Power Supply
3.0
3.3
4.8
V
2.7
V
Derated performance
VREG Voltage
ON
2.80
2.85
2.90
V
PA in “ON” state
OFF
0
0.2
V
PA in “OFF” state
Output Power
11n
16.5
17.0
dBm
VCC > 3.0 V OFDM 54Mbps
11n
17.5
18.0
dBm
VCC > 3.3 V OFDM 54Mbps
11g
18.0
18.5
dBm
VCC > 3.3 V OFDM 54Mbps
11b
19.5
21.0
dBm
11 Mbps, CCK, VCC > 3.3 V
EVM
11g
4.0
%
18dBm, OFDM 54 Mbps, VCC = 3.3 V to 4.8 V all Temp
11n
2.5
3.0
%
17.5dBm, OFDM 54 Mbps, VCC = 3.3 V to 4.8 V all Temp
3.0
%
16.5dBm, OFDM 54 Mbps, VCC = 3.0 VDC all Temp
Adjacent Channel Power
POUT = 21Bm, VCC = 3.3v, 11Mbps CCK signal. See note 2
ACP1
-36
-33
dBc
+/- 11MHz Offset from carrier
ACP2
-56
-52
dBc
+/- 22MHz Offset from carrier
Gain
23
25
29
dB
At rated POUT
Gain Variance Slope
Channel 40 MHz BW
-1.0
+1.0
dB
Channel 20 MHz BW
-0.5
+0.5
dB
Frequency 100 MHz BW
-2
+2
dB
In-Band variance 2.4GHz to 2.5GHz
Out of Band Rejection
2170 MHz
6
8
dBc
CW signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com