Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5365 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5365
Description  2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5365 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5365 Datasheet HTML 1Page - RF Micro Devices RF5365 Datasheet HTML 2Page - RF Micro Devices RF5365 Datasheet HTML 3Page - RF Micro Devices RF5365 Datasheet HTML 4Page - RF Micro Devices RF5365 Datasheet HTML 5Page - RF Micro Devices RF5365 Datasheet HTML 6Page - RF Micro Devices RF5365 Datasheet HTML 7Page - RF Micro Devices RF5365 Datasheet HTML 8Page - RF Micro Devices RF5365 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140527
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 11
RF5365
2.4GHz to 2.5GHz, 802.11b/g/n WiFi
Front End Module
The RF5365 provides an integrated front end solution for WiFi
802.11b/g/n and Bluetooth® systems. The ultra-small form factor
package and integrated matching greatly reduces the number of
external components and layout area in the customer application. This
simplifies the total front end solution by reducing the bill of materials,
system footprint, and assembly cost.
The RF5365 integrates a 2.4 GHz Power Amplifier (PA), 2170 MHz
notch filter for coexistence with cellular radios, second harmonic
attenuation, power detector coupler for improved accuracy, and an
SP3T switch capable of simultaneous reception for WiFi and
Bluetooth®. The device is provided in a 2.5 mm x 2.5 mm x 0.5 mm, 12-
pin package. This module meets or exceeds the RF front end needs of
IEEE 802.11b/g/n WiFi RF systems.
7
8
9
10
11
12
1
2
3
4
5
6
RX
Vreg
TX
ANT
GND
BT
2fo
2170
MHz Filter
Pdetect
Coupler
Functional Block Diagram
Ordering Information
RF5365SQ
Standard 25 piece bag
RF5365SR
Standard 100 piece reel
RF5365TR7
Standard 2500 piece reel
RF5365PCK-410
Fully assembled evaluation board w/5 piece bag
Package: QFN, 12-pin,
2.5mm x 2.5mm x 0.5mm
Features
■ Integrated 2.4GHz to 2.5GHz b/g/n
Amplifier, SP3T Switch, and Power
Detector Coupler
■ Single Supply Voltage 3.0V to 4.8V
■ Output Power: 11b = 21dBm
Meeting Spectral Mask 11n =
18dBm at <3% EVM
■ Low Height Package, Suited for
SiP and CoB Designs
Applications
■ Cellular handsets
■ Mobile devices
■ Tablets
■ Consumer electronics
■ Gaming
■ Netbooks/Notebooks
■ TV/monitors/video
■ SmartEnergy
RF5365


Similar Part No. - RF5365

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5365PCK-410 QORVO-RF5365PCK-410 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5365SQ QORVO-RF5365SQ Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5365SR QORVO-RF5365SR Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5365TR7 QORVO-RF5365TR7 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
More results

Similar Description - RF5365

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5565 RFMD-RF5565 Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5765 RFMD-RF5765 Datasheet
1Mb / 14P
2.4GHz to 2.5GHz 802.11b/g/n WiFi FRONT-END MODULE
RFFM8200 RFMD-RFFM8200 Datasheet
1Mb / 13P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com